Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 21 Page - Analog Devices

Part # ADR02
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADR02 Datasheet HTML 17Page - Analog Devices ADR02 Datasheet HTML 18Page - Analog Devices ADR02 Datasheet HTML 19Page - Analog Devices ADR02 Datasheet HTML 20Page - Analog Devices ADR02 Datasheet HTML 21Page - Analog Devices ADR02 Datasheet HTML 22Page - Analog Devices ADR02 Datasheet HTML 23Page - Analog Devices ADR02 Datasheet HTML 24Page - Analog Devices ADR02 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 21 of 44
THEORY OF OPERATION
The AD5737 is a quad, precision digital-to-current loop converter
designed to meet the requirements of industrial process control
applications. It provides a high precision, fully integrated, low cost,
single-chip solution for generating current loop outputs. The
current ranges available are 0 mA to 20 mA, 4 mA to 20 mA,
and 0 mA to 24 mA. The output configuration is user-selectable
via the DAC control register.
On-chip dynamic power control minimizes package power
dissipation (see the Dynamic Power Control section).
DAC ARCHITECTURE
The DAC core architecture of the AD5737 consists of two
matched DAC sections. A simplified circuit diagram is shown
in Figure 47. The four MSBs of the 12-bit data-word are decoded
to drive 15 switches, E1 to E15. Each switch connects one of
15 matched resistors either to ground or to the reference buffer
output. The remaining eight bits of the data-word drive Switch S0
to Switch S7 of an 8-bit voltage mode R-2R ladder network.
8-BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
2R
2R
S0
S1
S7
E1
E2
E15
VOUT
2R
2R
2R
2R
2R
Figure 47. DAC Ladder Structure
The voltage output from the DAC core is converted to a current,
which is then mirrored to the supply rail so that the application
sees only a current source output (see Figure 48). The current
outputs are supplied by VBOOST_x.
12-BIT
DAC
VBOOST_x
R2
T2
T1
R3
IOUT_x
RSET
A1
A2
Figure 48. Voltage-to-Current Conversion Circuitry
Reference Buffers
The AD5737 can operate with either an external or internal
reference. The reference input requires a 5 V reference for
specified performance. This input voltage is then buffered
before it is applied to the DAC.
POWER-ON STATE OF THE AD5737
When the AD5737 is first powered on, the IOUT_x pins are in
tristate mode. After a device power-on or a device reset, it is
recommended that the user wait at least 100 µs before writing to
the device to allow time for internal calibrations to take place.
SERIAL INTERFACE
The AD5737 is controlled by a versatile 3-wire serial interface
that operates at clock rates of up to 30 MHz and is compatible
with SPI, QSPI, MICROWIRE, and DSP standards. Data coding
is always straight binary.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of the serial
clock input, SCLK. Data is clocked in on the falling edge of SCLK.
If packet error checking (PEC) is enabled, an additional eight
bits must be written to the AD5737, creating a 32-bit serial
interface (see the Packet Error Checking section).
The DAC outputs can be updated in one of two ways: individual
DAC updating or simultaneous updating of all DACs.
Individual DAC Updating
To update an individual DAC, LDAC is held low while data is
clocked into the DAC data register. The addressed DAC output
is updated on the rising edge of SYNC. See Table 3 and Figure 3
for timing information.
Simultaneous Updating of All DACs
To update all DACs simultaneously, LDAC is held high while
data is clocked into the DAC data register. After LDAC is taken
high, only the first write to the DAC data register of each channel
is valid; subsequent writes to the DAC data register are ignored,
although these subsequent writes are returned if a readback is
initiated. All DAC outputs are updated by taking LDAC low
after SYNC is taken high.
IOUT_x
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
AMPLIFIERS
LDAC
SDO
SDIN
12-BIT
DAC
VREFIN
SYNC
DAC DATA
REGISTER
OFFSET
AND GAIN
CALIBRATION
DAC INPUT
REGISTER
SCLK
Figure 49. Simplified Serial Interface of the Input Loading Circuitry
for One DAC Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com