Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 11 Page - Analog Devices

Part # AD621
Description  Wide Supply Range, Rail-to-Rail
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD621 Datasheet HTML 7Page - Analog Devices AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices AD621 Datasheet HTML 14Page - Analog Devices AD621 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8426
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15 V, RL = 10 kΩ, unless otherwise noted.
60
0
10
20
30
40
50
–100
100
50
0
–50
CMRR (µV/V)
IN-AMP 1
IN-AMP 2
Figure 3. Typical Distribution for CMRR (G = 1)
0
10
20
30
40
50
–100
100
50
0
–50
VOSI (µV)
IN-AMP 1
IN-AMP 2
Figure 4. Typical Distribution of Input Offset Voltage
0
10
20
30
40
60
50
–600
600
200
400
0
–200
–400
IN-AMP 1
IN-AMP 2
VOSO (µV)
Figure 5. Typical Distribution of Output Offset Voltage
0
10
20
30
40
–21
–20
–19
–18
–17
IBIAS (nA)
IN-AMP 1
IN-AMP 2
Figure 6. Typical Distribution of Input Bias Current, Inverting Input
0
10
20
30
40
50
–21
–20
–19
–18
–17
IBIAS (nA)
IN-AMP 1
IN-AMP 2
Figure 7. Typical Distribution of Input Bias Current, Noninverting Input
0
10
20
30
50
70
40
60
–0.010
–0.005
0
0.005
0.010
GAIN ERROR (%)
IN-AMP 1
IN-AMP 2
Figure 8. Typical Distribution of Gain Error (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com