Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 23 Page - Analog Devices

Part # AD621
Description  Wide Supply Range, Rail-to-Rail
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD621 Datasheet HTML 19Page - Analog Devices AD621 Datasheet HTML 20Page - Analog Devices AD621 Datasheet HTML 21Page - Analog Devices AD621 Datasheet HTML 22Page - Analog Devices AD621 Datasheet HTML 23Page - Analog Devices AD621 Datasheet HTML 24Page - Analog Devices AD621 Datasheet HTML 25Page - Analog Devices AD621 Datasheet HTML 26Page - Analog Devices AD621 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8426
Rev. 0 | Page 23 of 28
LAYOUT
To ensure optimum performance of the AD8426 at the PCB
level, care must be taken in the design of the board layout.
The AD8426 pins are arranged in a logical manner to aid in
this task.
1
2
3
4
12
11
10
9
5
678
13
14
15
16
–IN1
+IN1
RG1
RG1
AD8426
–IN2
+IN2
RG2
RG2
Figure 63. Pinout Diagram
Package Considerations
The AD8426 is available in a 16-lead, 4 mm × 4 mm LFCSP with
no exposed paddle. The footprint from another 4 mm × 4 mm
LFCSP part should not be copied because it may not have the
correct lead pitch and lead width dimensions. Refer to the
Outline Dimensions section to verify that the corresponding
dimensional symbol has the correct dimensions.
Hidden Paddle Package
The AD8426 is available in an LFCSP package with a hidden
paddle. Unlike chip scale packages where the pad limits routing
capability, this package allows routes and vias directly beneath
the chip. In this way, the full space savings of the small LFCSP
can be realized. Although the package has no metal in the center
of the part, the manufacturing process leaves a very small section
of exposed metal at each of the package corners, as shown in
Figure 64 and in Figure 73 in the Outline Dimensions section.
This metal is connected to −VS through the part. Because of the
possibility of a short, vias should not be placed beneath these
exposed metal tabs.
HIDDEN
PADDLE
EXPOSED METAL
TABS
BOTTOM VIEW
NOTES
1. EXPOSED METAL TABS AT THE FOUR
CORNERS OF THE PACKAGE ARE
INTERNALLY CONNECTED TO –VS.
Figure 64. Hidden Paddle Package, Bottom View
Common-Mode Rejection Ratio over Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp. Such
conversions occur when one input path has a frequency response
that is different from the other. To keep CMRR over frequency
high, the input source impedance and capacitance of each path
should be closely matched. Additional source resistance in the
input paths (for example, for input protection) should be placed
close to the in-amp inputs to minimize the interaction of the
inputs with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain setting pins can also affect CMRR
over frequency. If the board design has a component at the gain
setting pins (for example, a switch or jumper), the component
should be chosen so that the parasitic capacitance is as small as
possible.
Power Supplies
A stable dc voltage should be used to power the instrumenta-
tion amplifier. Noise on the supply pins can adversely affect
performance. See the PSRR performance curves in Figure 22
and Figure 25 for more information.
A 0.1 μF capacitor should be placed as close as possible to each
supply pin. As shown in Figure 65, a 10 μF capacitor can be used
farther away from the part. In most cases, it can be shared by
other precision integrated circuits.
AD8426
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
OUT
RG
Figure 65. Supply Decoupling, REF, and Output Referred to Local Ground
References
The output voltage of the AD8426 is developed with respect to
the potential on the reference terminal. Care should be taken to
tie the REFx pins to the appropriate local ground. This should
also help minimize crosstalk between the two channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com