Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 12 Page - Analog Devices

Part # AD621
Description  Wide Supply Range, Rail-to-Rail
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices AD621 Datasheet HTML 14Page - Analog Devices AD621 Datasheet HTML 15Page - Analog Devices AD621 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8426
Rev. 0 | Page 12 of 28
+0.01V, +1.90V
0.00V, –0.45V
+2.17V, +0.90V
+1.35V, +1.95V
+0.01V, +1.28V
+0.01V, +0.31V
+1.35V, –0.41V
+2.61V, +0.37V
+2.61V, +1.13V
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = +1.35V
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = 2.7 V, G = 1
+0.02V, +4.25V
+0.01V, –0.30V
+4.64V, +2.03V
+2.50V, +4.25V
+0.02V, +2.95V
+0.01V, +0.87V
+2.50V, –0.40V
+4.90V, +0.82V
+4.90V, +3.03V
–1
0
1
2
3
4
5
–0.5
0
0.5 1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
6.0
5.5
5.0
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = +2.5V
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = 5 V, G = 1
0V, +4.25V
–4.93V, +1.77V
–4.93V, –2.83V
0V, –5.30V
+4.90V, –2.84V
+4.87V, +1.79V
–6
–4
–2
0
2
4
6
–6
–4
–2
0
2
4
6
OUTPUT VOLTAGE (V)
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±5 V, G = 1
+0.01V, +1.90V
+0.01V, –0.40V
+2.46V, +0.72V
+1.35V, +1.94V
+0.01V, +1.19V
+0.01V, +0.05V
+1.35V, –0.55V
+2.61V, +0.08V
+2.60V, +1.11V
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = +1.35V
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = 2.7 V, G = 100
+0.02V, +4.20V
+0.01V, –0.40V
+4.77V, +1.71V
+2.49V, +4.25V
+0.02V, +2.89V
+0.01V, +0.69V
+2.49V, –0.30V
+4.90V, +0.54V
+4.90V, +3.02V
–1
0
1
2
3
4
5
–0.5
0
0.5
1.0
2.0
3.0
4.0
5.5
5.0
1.52.53.54.5
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = +2.50V
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = 5 V, G = 100
0V, +4.24V
–4.93V, +1.74V
–4.93V, –3.15V
–0.01V, –5.30V
+4.90V, –3.18V
+4.90V, +1.76V
–6
–4
–2
0
2
4
6
–6
–4
–2
0
2
4
6
OUTPUT VOLTAGE (V)
Figure 14. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±5 V, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com