Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 13 Page - Analog Devices

Part # AD621
Description  Wide Supply Range, Rail-to-Rail
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices AD621 Datasheet HTML 14Page - Analog Devices AD621 Datasheet HTML 15Page - Analog Devices AD621 Datasheet HTML 16Page - Analog Devices AD621 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8426
Rev. 0 | Page 13 of 28
20
–20
–15
–10
–5
0
5
10
15
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
0V, –15.3V
0V, –12.3V
+11.8V, –6.5V
+14.8V, –7.9V
+14.8V, +6.8V
+11.9V, +5.3V
0V, +14.2V
0V, +11.2V
–11.9V, +5.2V
–14.9V, +6.7V
–14.9V, –7.6V
–11.9V, –6.0V
VS = ±15V
VS = ±12V
Figure 15. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±15 V and VS = ±12 V, G = 1
2.75
–0.25
0.6
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = 2.7V
G = 1
–VIN = 0V
VOUT
IIN
Figure 16. Input Overvoltage Performance,
Single Supply, VS = 2.7 V, G = 1
16
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
0.6
0.7
0.8
–0.6
–0.7
–0.8
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = ±15V
G = 1
–VIN = 0V
VOUT
IIN
Figure 17. Input Overvoltage Performance,
Dual Supply, VS = ±15 V, G = 1
20
–20
–15
–10
–5
0
5
10
15
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
–0.01V, –15.3V
–0.01V, –12.3V
+11.8V, –6.63V
+14.8V, –8.18V
+14.8V, +6.64V
+11.8V, +5.25V
0V, +14.1V
0V, +11.2V
–11.9V, +5.22V
–14.9V, +6.61V
–14.9V, –8.09V
–11.9V, –6.71V
VS = ±15V
VS = ±12V
Figure 18. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±15 V and VS = ±12 V, G = 100
2.75
–0.25
0.6
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = 2.7V
G = 100
–VIN = 0V
VOUT
IIN
Figure 19. Input Overvoltage Performance,
Single Supply, VS = 2.7 V, G = 100
16
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = ±15V
G = 100
–VIN = 0V
0.6
0.7
0.8
–0.6
–0.7
–0.8
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
VOUT
IIN
Figure 20. Input Overvoltage Performance,
Dual Supply, VS = ±15 V, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com