Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6672 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6672
Description  IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6672 Datasheet HTML 7Page - Analog Devices AD6672 Datasheet HTML 8Page - Analog Devices AD6672 Datasheet HTML 9Page - Analog Devices AD6672 Datasheet HTML 10Page - Analog Devices AD6672 Datasheet HTML 11Page - Analog Devices AD6672 Datasheet HTML 12Page - Analog Devices AD6672 Datasheet HTML 13Page - Analog Devices AD6672 Datasheet HTML 14Page - Analog Devices AD6672 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD6672
Rev. 0 | Page 11 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
24 CSB
23 SCLK
22 SDIO
21 DCO+
20 DCO–
19 D9+/D10+ (MSB)
18 D9–/D10– (MSB)
17 DRVDD
1
2
3
4
5
6
7
8
CLK+
CLK–
AVDD
OR–
OR+
0/D0– (LSB)
0/D0+ (LSB)
DRVDD
AD6672
INTERLEAVED
LVDS
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE
PACKAGE PROVIDES THE ANALOG GROUND FOR THE
PART. THIS EXPOSED PADDLE MUST BE CONNECTED TO
GROUND FOR PROPER OPERATION.
2. DNC = NO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 3. LFCSP Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
8, 17
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
3, 27, 28, 31, 32
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
0
AGND,
Exposed Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the package provides the
analog ground for the part. This exposed paddle must be connected to ground for proper
operation.
25
DNC
Do Not Connect. Do not connect to this pin.
ADC Analog
30
VIN+
Input
Differential Analog Input Pin (+).
29
VIN−
Input
Differential Analog Input Pin (−).
26
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin should be decoupled to
ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Outputs
5
OR+
Output
Overrange indicator—True.
4
OR−
Output
Overrange indicator—Complement.
7
0/D0+ (LSB)
Output
DDR LVDS Output Data 0—True. The output bit on the rising edge of the data clock output
(DCO) from this output is always a Logic 0 (see Figure 2).
6
0/D0− (LSB)
Output
DDR LVDS Output Data 0—Complement. The output bit on the rising edge of the data clock
output (DCO) from this output is always a Logic 0 (see Figure 2).
10
D1+/D2+
Output
DDR LVDS Output Data 1/2—True.
9
D1−/D2−
Output
DDR LVDS Output Data 1/2—Complement.
12
D3+/D4+
Output
DDR LVDS Output Data 3/4—True.
11
D3−/D4−
Output
DDR LVDS Output Data 3/4—Complement.
14
D5+/D6+
Output
DDR LVDS Output Data 5/6—True.
13
D5−/D6−
Output
DDR LVDS Output Data 5/6—Complement.
16
D7+/D8+
Output
DDR LVDS Output Data 7/8—True.
15
D7−/D8−
Output
DDR LVDS Output Data 7/8—Complement.
19
D9+/D10+ (MSB)
Output
DDR LVDS Output Data 9/10—True.
18
D9−/D10− (MSB)
Output
DDR LVDS Output Data 9/10—Complement.
21
DCO+
Output
LVDS Data Clock Output—True.
20
DCO−
Output
LVDS Data Clock Output—Complement.
SPI Control
23
SCLK
Input
SPI Serial Clock.
22
SDIO
Input/output
SPI Serial Data I/O.
24
CSB
Input
SPI Chip Select (Active Low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com