Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6672 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6672
Description  IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6672 Datasheet HTML 15Page - Analog Devices AD6672 Datasheet HTML 16Page - Analog Devices AD6672 Datasheet HTML 17Page - Analog Devices AD6672 Datasheet HTML 18Page - Analog Devices AD6672 Datasheet HTML 19Page - Analog Devices AD6672 Datasheet HTML 20Page - Analog Devices AD6672 Datasheet HTML 21Page - Analog Devices AD6672 Datasheet HTML 22Page - Analog Devices AD6672 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD6672
Rev. 0 | Page 19 of 32
1k
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics.
The AD6672 contains a DCS that retimes the nonsampling
(falling) edge, providing an internal clock signal with a nominal
50% duty cycle. This allows the user to provide a wide range of
clock input duty cycles without affecting the performance of the
AD6672.
Jitter on the rising edge of the input clock is still of paramount
concern and is not reduced by the duty cycle stabilizer. The
duty cycle control loop does not function for clock rates less
than 40 MHz nominally. The loop has a time constant
associated with it that must be considered when the clock rate
may change dynamically. A wait time of 1.5 μs to 5 μs is
required after a dynamic clock frequency increase or decrease
before the DCS loop is relocked to the input signal. During the
time that the loop is not locked, the DCS loop is bypassed, and
internal device timing is dependent on the duty cycle of the
input clock signal. In such applications, it may be appropriate to
disable the duty cycle stabilizer. In all other applications,
enabling the DCS circuit is recommended to maximize ac
performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input
frequency (fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
]
)
10
/
(
LF
SNR
−
In the equation, the rms aperture jitter represents the root-mean-
square of all jitter sources, which include the clock input, the
analog input signal, and the ADC aperture jitter specification.
IF undersampling applications are particularly sensitive to jitter,
as shown in Figure 34.
80
75
70
65
60
55
50
110
100
INPUT FREQUENCY (MHz)
0.05ps
0.2ps
0.5ps
1ps
1.5ps
MEASURED
Figure 34. SNR vs. Input Frequency and Jitter
In cases where aperture jitter may affect the dynamic range of the
AD6672, treat the clock input as an analog signal. In addition,
use separate power supplies for the clock drivers and the ADC
output driver to avoid modulating the clock signal with digital
noise. Low jitter, crystal controlled oscillators provide the best
clock sources. If the clock is generated from another type of
source (by gating, dividing, or another method), it should be
retimed by the original clock during the last step.
Refer to the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, and the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter, for
more information about jitter performance as it relates to ADCs.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 35, the power dissipated by the AD6672 is
proportional to its sample rate. The data in Figure 35 was taken
using the same operating conditions as those used for the
Typical Performance Characteristics section.
0.40
0.30
0.25
0.20
0.15
0.10
0.05
0
0.20
0.10
0
40
250
55 70 85 100 115 130 145 160 175 190 205 220 235
ENCODE FREQUENCY (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 35. AD6672-250 Power and Current vs. Sample Rate
By setting the internal power-down mode bits (Bits[1:0]) in the
power modes register (Address 0x08) to 01, the AD6672 is
placed in power-down mode. In this state, the ADC typically
dissipates 2.5 mW. During power-down, the output drivers are
placed in a high impedance state.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering
power-down mode and then must be recharged when returning
to normal operation. As a result, the wake-up time is related to
the time spent in power-down mode, and shorter power-down
cycles result in proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. To put the part into standby
mode, set the internal power-down mode bits (Bits[1:0]) in the
power modes register (Address 0x08) to 10. See the Memory
Map section and the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI, for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com