Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6672 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6672
Description  IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6672 Datasheet HTML 13Page - Analog Devices AD6672 Datasheet HTML 14Page - Analog Devices AD6672 Datasheet HTML 15Page - Analog Devices AD6672 Datasheet HTML 16Page - Analog Devices AD6672 Datasheet HTML 17Page - Analog Devices AD6672 Datasheet HTML 18Page - Analog Devices AD6672 Datasheet HTML 19Page - Analog Devices AD6672 Datasheet HTML 20Page - Analog Devices AD6672 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD6672
Rev. 0 | Page 17 of 32
Differential Input Configurations
Optimum performance can be achieved when driving the AD6672
in a differential input configuration. For baseband applications, the
AD8138, ADA4937-1, and ADA4930-1 differential drivers provide
excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4930-1 is easily
set with the VCM pin of the AD6672 (see Figure 25), and the
driver can be configured in a Sallen-Key filter topology to
provide band-limiting of the input signal.
VIN
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
AVDD
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
ADC
VIN–
VIN+
VCM
ADA4930-1
0.1µF
Figure 25. Differential Input Configuration Using the ADA4930-1
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 26. To bias the
analog input, connect the VCM voltage to the center tap of the
secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
0.1µF
R1
R1
C1
ADC
VIN+
VIN–
VCM
C2
R2
R3
R2
C2
R3
Figure 26. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz. Excessive signal power can also cause
core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD6672. For applications where
SNR is a key parameter, differential double balun coupling is
the recommended input configuration (see Figure 28). In this
configuration, the input is ac-coupled and the VCM voltage is
provided to the input through a 33 Ω resistor. This resistor
compensates for losses in the input baluns to provide a 50 Ω
impedance to the driver.
In the double balun and transformer configurations, the value
of the input capacitors and resistors is dependent on the input
frequency and source impedance. Based on these parameters,
the value of the input resistors and capacitors may need to be
adjusted or some components may need to be removed. Table 9
displays recommended values to set the RC network for
different input frequency ranges. However, these values are
dependent on the input signal and bandwidth and should be
used only as a starting guide. Note that the values given in Table 9
are for each R1, R2, C2, and R3 component shown in Figure 26
and Figure 28.
Table 9. Example RC Network
Frequency
Range
(MHz)
R1
Series
(Ω)
C1
Differential
(pF)
R2
Series
(Ω)
C2
Shunt
(pF)
R3
Shunt
(Ω)
0 to 100
33
8.2
0
15
49.9
100 to 300
15
3.9
0
8.2
49.9
An alternative to using a transformer-coupled input at
frequencies in the second Nyquist zone is to use an amplifier
with variable gain. The AD8375 digital variable gain amplifier
(DVGA) provides good performance for driving the AD6672.
Figure 27 shows an example of the AD8375 driving the AD6672
through a band-pass antialiasing filter.
AD8375
AD6672
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
2.5kΩ║2pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
180nH
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT® 0603CS COMPONENTS
WITH THE EXCEPTION OF THE 1µH CHOKE INDUCTORS (0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER
CENTERED AT 140MHz.
180nH
220nH
220nH
Figure 27. Differential Input Configuration Using the AD8375
ADC
R1
0.1µF
0.1µF
2V p-p
VIN+
VIN–
VCM
C1
C2
R1
R2
R2
0.1µF
S
0.1µF
C2
33Ω
33Ω
S
PA
P
R3
R3
0.1µF
Figure 28. Differential Double Balun Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com