Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6672 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6672
Description  IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6672 Datasheet HTML 8Page - Analog Devices AD6672 Datasheet HTML 9Page - Analog Devices AD6672 Datasheet HTML 10Page - Analog Devices AD6672 Datasheet HTML 11Page - Analog Devices AD6672 Datasheet HTML 12Page - Analog Devices AD6672 Datasheet HTML 13Page - Analog Devices AD6672 Datasheet HTML 14Page - Analog Devices AD6672 Datasheet HTML 15Page - Analog Devices AD6672 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD6672
Rev. 0 | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = 250 MSPS, DCS enabled, 1.75 V p-p differential input, VIN = −1.0 dBFS, 32k sample, TA = 25°C,
unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
0
102030405060708090
110
100
120
FREQUENCY (MHz)
250MSPS
30.1MHz @ –1.0dBFS
SNR = 65.6dB (66.6dBFS)
SFDR = 88dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 4. Single-Tone FFT with fIN = 30.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020
3040
5060708090
110
100
120
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
250MSPS
90.1MHz @ –1.0dBFS
SNR = 65.6dB (66.6dBFS)
SFDR = 88dBc
Figure 5. Single-Tone FFT with fIN = 90.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020
3040
5060708090
110
100
120
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
250MSPS
140.1MHz @ –1.0dBFS
SNR = 65.5dB (66.5dBFS)
SFDR = 89dBc
Figure 6. Single-Tone FFT with fIN = 140.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020
3040
5060708090
110
100
120
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
250 MSPS
185.1MHz @ –1.0dBFS
SNR = 65.4dB (66.4dBFS)
SFDR = 87dBc
Figure 7. Single-Tone FFT with fIN = 185.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020
3040
5060708090
110
100
120
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
250 MSPS
220.1MHz @ –1.0dBFS
SNR = 65.3dB (66.3dBFS)
SFDR = 88dBc
Figure 8. Single-Tone FFT with fIN = 220.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020
3040
5060708090
110
100
120
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
250 MSPS
305.1MHz @ –1.0dBFS
SNR = 64.8dB (65.8dBFS)
SFDR = 82dBc
Figure 9. Single-Tone FFT with fIN = 305.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com