Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7607
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7607 Datasheet HTML 10Page - Analog Devices AD7607 Datasheet HTML 11Page - Analog Devices AD7607 Datasheet HTML 12Page - Analog Devices AD7607 Datasheet HTML 13Page - Analog Devices AD7607 Datasheet HTML 14Page - Analog Devices AD7607 Datasheet HTML 15Page - Analog Devices AD7607 Datasheet HTML 16Page - Analog Devices AD7607 Datasheet HTML 17Page - Analog Devices AD7607 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 14 of 36
Pin No.
Type1
Mnemonic
Description
5, 4, 3
DI
OS [2:0]
Oversampling Mode Pins. Logic inputs. These inputs are used to select the oversampling ratio. OS 2 is
the MSB control bit, and OS 0 is the LSB control bit. See the Digital Filter section for additional details
on the oversampling mode of operation and Table 9 for oversampling bit decoding.
33
DO/DI
DB15
Parallel Output Data Bits, Data Bit 15. When PAR/SER SEL = 0, this pin acts as three-state parallel digital
output pin. This pin is used to output DB17 of the conversion result during the first RD pulse and DB1
of the same conversion result during the second RD pulse. When PAR/SER SEL = 1, this pin should be
tied to AGND.
32
DO/DI
DB14
Parallel Output Data Bits, Data Bit 14. When PAR/SER SEL = 0, this pin acts as three-state parallel digital
output pin. When CS and RD are low, this pin is used to output DB16 of the conversion result during
the first RD pulse and DB0 of the same conversion result during the second RD pulse. When PAR/SER
SEL = 1, this pin should be tied to AGND.
31 to 27
DO
DB[13:9]
Parallel Output Data Bits, Data Bit 13 to Data Bit 9. When PAR/SER SEL = 0, these pins act as three-state
parallel digital input/output pins. When CS and RD are low, these pins are used to output DB15 to
DB11 of the conversion result during the first RD pulse and output 0 during the second RD pulse.
When PAR/SER SEL = 1, these pins should be tied to AGND.
24
DO
DB7/DOUTA
Parallel Output Data Bit 7 (DB7)/Serial Interface Data Output Pin (DOUTA). When PAR/SER SEL = 0, this
pins acts as a three-state parallel digital input/output pin. When CS and RD are low, this pin is used to
output DB9 of the conversion result. When PAR/SER SEL = 1, this pin functions as DOUTA and outputs
serial conversion data. See the Conversion Control section for further details.
25
DO
DB8/DOUTB
Parallel Output Data Bit 8 (DB8)/Serial Interface Data Output Pin (DOUTB). When PAR/SER SEL = 0, this
pins acts as a three-state parallel digital input/output pin. When CS and RD are low, this pin is used to
output DB10 of the conversion result. When PAR/SER SEL = 1, this pin functions as DOUTB and outputs
serial conversion data. See the Conversion Control section for further details.
22 to 16
DO
DB[6:0]
Parallel Output Data Bits, Data Bit 6 to Data Bit 0. When PAR/SER SEL = 0, these pins act as three-state
parallel digital input/output pins. When CS and RD are low, these pins are used to output DB8 to DB2
of the conversion result during the first RD pulse and output 0 during the second RD pulse. When
PAR/SER SEL = 1, these pins should be tied to AGND.
1
Refers to classification of pin type; P denotes power, AI denotes analog input, REF denotes reference, DI denotes digital input, DO denotes digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com