Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7607
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7607 Datasheet HTML 18Page - Analog Devices AD7607 Datasheet HTML 19Page - Analog Devices AD7607 Datasheet HTML 20Page - Analog Devices AD7607 Datasheet HTML 21Page - Analog Devices AD7607 Datasheet HTML 22Page - Analog Devices AD7607 Datasheet HTML 23Page - Analog Devices AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 22 of 36
Analog Input Antialiasing Filter
An analog antialiasing filter is also provided on the AD7609.
The filter is a second-order Butterworth. Figure 35 and
Figure 36 show the frequency and phase response respectively
of the analog antialiasing filter. In the ±5 V range, the −3 dB
frequency is typically 23 kHz. In the ±10 V range, the −3 dB
frequency is typically 32 kHz.
–40
–35
–30
–25
–20
–15
–10
–5
0
100
1k
10k
100k
FREQUENCY (Hz)
10V DIFF
5V DIFF
10V
0.1dB
TEMP
3dB
–40°C 13,354Hz
33,520Hz
25°C 12,769Hz
32,397Hz
85°C 12,427Hz
31,177Hz
5V
–40°C 10,303Hz
24,365Hz
25°C
9619Hz
23,389Hz
85°C
9326Hz
22,607Hz
Figure 35. Analog Antialiasing Filter Frequency Response
10
100k
10k
1k
INPUT FREQUENCY (Hz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
±5V RANGE
±10V RANGE
AVCC, VDRIVE = 5V
fSAMPLE = 200kSPS
TA = 25°C
Figure 36. Analog Antialiasing Filter Phase Response
Track-and-Hold Amplifiers
The track-and-hold amplifiers on the AD7609 allow the ADC to
accurately acquire an input sine wave of full-scale amplitude
to 18-bit resolution. The track-and-hold amplifiers sample
their respective inputs simultaneously on the rising edge of
CONVST x. The aperture time for track-and-hold (that is, the
delay time between the external CONVST x signal and the
track-and-hold actually going into hold) is well matched, by design,
across all eight track-and-holds on one device and from device
to device. This matching allows more than one AD7609 device
to be sampled simultaneously in a system.
The end of the conversion process across all eight channels is
indicated by the falling edge of BUSY; and it is at this point that the
track-and-holds return to track mode and the acquisition time
for the next set of conversions begins.
The conversion clock for the part is internally generated, and
the conversion time for all channels is 4 µs on the AD7609. The
BUSY signal returns low after all eight conversions to indicate the
end of the conversion process. On the falling edge of BUSY, the
track-and-hold amplifiers return to track mode. New data can
be read from the output register via the parallel, or serial
interface after BUSY goes low; or, alternatively, data from the
previous conversion can be read while BUSY is high. Reading data
from the AD7609 while a conversion is in progress has little
effect on performance and allows a faster throughput to be
achieved. With a VDRIVE > 3.3 V, the SNR is reduced by ~1.5 dB
when reading during a conversion.
ADC TRANSFER FUNCTION
The output coding of the AD7609 is twos complement. The
designed code transitions occur midway between successive
integer LSB values, that is, 1/2 LSB, 3/2 LSB. The LSB size is
FSR/262,144 for the AD7609. The FSR for the AD7609 is 40 V
for the ±10 V range and 20 V for the ±5 V range. The ideal
transfer characteristic for the AD7609 is shown in Figure 37.
011...111
011...110
000...001
000...000
111...111
100...010
100...001
100...000
–FS + 1/2LSB
0V – 1LSB
+FS – 3/2LSB
ANALOG INPUT
+FSR – (–FSR)
218
LSB =
V+ ± (V–)
5V
REF
2.5V
±5V CODE =
× 131,072 ×
V+ ± (V–)
10V
REF
2.5V
±10V CODE =
× 131,072 ×
Figure 37. AD7609 Transfer Characteristic
The LSB size is dependent on the analog input range selected
(see Table 7).
Table 7. Output Codes and Ideal Input Values
Description
Analog Input
(V+ − (V−)
10 V Range
Analog
Input
V+ − (V−)
5 V Range
Digital
Output
Code (Hex)
FSR − 0.5 LSB
+19.99992 V
9.999961 V
0x1FFFF
Midscale + 1 LSB
+152.58 µV
76 µV
0x00001
Midscale
0 V
0 V
0x00000
Midscale – 1 LSB
−152.58 µV
−76 µV
0x3FFFF
−FSR + 1 LSB
−19.99984 V
−9.99992 V
0x20001
−FSR
−20 V
−10 V
0x20000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com