Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7607
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices AD7607 Datasheet HTML 30Page - Analog Devices AD7607 Datasheet HTML 31Page - Analog Devices AD7607 Datasheet HTML 32Page - Analog Devices AD7607 Datasheet HTML 33Page - Analog Devices AD7607 Datasheet HTML 34Page - Analog Devices AD7607 Datasheet HTML 35Page - Analog Devices AD7607 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 32 of 36
LAYOUT GUIDELINES
The printed circuit board that houses the AD7609 should be
designed so that the analog and digital sections are separated
and confined to different areas of the board.
Use at least one ground plane. It can be common or split
between the digital and analog sections. In the case of the split
plane, the digital and analog ground planes should be joined in
only one place, preferably as close as possible to the AD7609.
If the AD7609 is in a system where multiple devices require
analog-to-digital ground connections, the connection should
still be made at only one point, a star ground point, which
should be established as close as possible to the AD7609. Good
connections should be made to the ground plane. Avoid sharing
one connection for multiple ground pins. Individual vias or
multiple vias to the ground plane should be used for each
ground pin.
Avoid running digital lines under the devices because doing
so couples noise onto the die. Allow the analog ground plane
to run under the AD7609 to avoid noise coupling. Shield fast-
switching signals like CONVST A, CONVST B, or clocks with
digital ground to avoid radiating noise to other sections of the
board, and they should never run near analog signal paths.
Avoid crossover of digital and analog signals. Run traces on
layers in close proximity on the board at right angles to each
other to reduce the effect of feedthrough through the board.
The power supply lines to the AVCC and VDRIVE pins on the
AD7609 should use as large a trace as possible to provide low
impedance paths and reduce the effect of glitches on the power
supply lines. Where possible, use supply planes. Good connec-
tions should be made between the AD7609 supply pins and the
power tracks on the board; this should involve the use of a single
via or multiple vias for each supply pin.
Good decoupling is also important to lower the supply imped-
ance presented to the AD7609 and to reduce the magnitude of
the supply spikes. Place the decoupling capacitors close to,
ideally right up against, these pins and their corresponding
ground pins. Place the decoupling capacitors for the REFIN/
REFOUT pin and the REFCAPA and REFCAPB pins as close as
possible to their respective AD7609 pins. Where possible, they
should be placed on the same side of the board as the AD7609
device. Figure 60 shows the recommended decoupling on the
top layer of the AD7609 board. Figure 61 shows bottom layer
decoupling. Bottom layer decoupling is for the four AVCC pins
and the VDRIVE pin.
Figure 60. Top Layer Decoupling REFIN/REFOUT, REFCAPA, REFCAPB, and
REGCAP Pins
Figure 61. Bottom Layer Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com