Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7607
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7607 Datasheet HTML 21Page - Analog Devices AD7607 Datasheet HTML 22Page - Analog Devices AD7607 Datasheet HTML 23Page - Analog Devices AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
AD7609
Rev. A | Page 25 of 36
CONVERSION CONTROL
Simultaneous Sampling on All Analog Input Channels
The AD7609 allows simultaneous sampling of all analog input
channels. All channels are sampled simultaneously when both
CONVST x pins (CONVST A, CONVST B) are tied together. A
single CONVST x signal is used to control both CONVST x inputs.
The rising edge of this common CONVST x signal initiates
simultaneous sampling on all analog input channels.
The AD7609 contains an on-chip oscillator that is used to
perform the conversions. The conversion time for all ADC
channels is tCONV. The BUSY signal indicates to the user when
conversions are in progress, so that when the rising edge of
CONVST x is applied, BUSY goes logic high and transitions low
at the end of the entire conversion process. The falling edge of
the BUSY signal is used to place all eight track-and-hold
amplifiers back into track mode. The falling edge of BUSY also
indicates that the new data can now be read from the parallel
bus (DB[15:0]) or the serial data lines, DOUTA and DOUTB.
Simultaneously Sampling Two Sets of Channels
The AD7609 also allows the analog input channels to be
sampled simultaneously in two sets. This can be used in power
line protection and measurement systems to compensate for
phase differences between PT and CT transformers. In a 50 Hz
system, this allows for up to 9° of phase compensation, and in a
60 Hz system, it allows for up to 10° of phase compensation.
This is accomplished by pulsing the two CONVST x pins inde-
pendently and is only possible if oversampling is not in use.
CONVST A is used to initiate simultaneous sampling of the first
set of channels (V1 to V4). CONVST B is used to initiate
simultaneous sampling on the second set of analog input
channels (V5 to V8), as illustrated in Figure 42. On the rising
edge of CONVST A, the track-and-hold amplifiers for the first
set of channels are placed into hold mode. On the rising edge
of CONVST B, the track-and-hold amplifiers for the second set
of channels are placed into hold mode. The conversion process
begins after both rising edges of CONVST x have occurred;
therefore, BUSY goes high on the rising edge of the later
CONVST x signal. The falling edge of BUSY also indicates that
the new data can now be read from the parallel bus or the serial
data lines, DOUTA and DOUTB. There is no change to the data
read process when using two separate CONVST x signals.
Connect all unused analog input channel to AGND. The results
for any unused channels are still included in the data read
because all channels are always converted.
CONVST A
CONVST B
BUSY
CS, RD
DATA: DB[15:0]
FRSTDATA
t5
tCONV
V1 TO V4 TRACK-AND-HOLD
ENTER HOLD
V5 TO V8 TRACK-AND-HOLD
ENTER HOLD
AD7609 CONVERTS
ON ALL 8 CHANNELS
V1
V8
V2
Figure 42. Simultaneous Sampling on Channel Sets Using Independent CONVST A/CONVST B Signals—Parallel Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com