Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4830-2BCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4830-2BCPZ-R7
Description  High Speed Difference Amplifier with Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4830-2BCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4830-2BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADA4830-1/ADA4830-2
Data Sheet
Rev. C | Page 8 of 22
12
11
10
1
3
4
VOUT1
NOTES
1. EXPOSED PAD ON BOTTOM SIDE
OF PACKAGE. NOT CONNECTED
ELECTRICALLY, BUT SHOULD BE
SOLDERED TO A METALIZED AREA
ON THE PCB TO MINIMIZE THERMAL
RESISTANCE.
STB1
STB2
9
VOUT2
INP1
INN2
2
INN1
INP2
TOP
VIEW
ADA4830-2
Figure 5. ADA4830-2 Pin Configuration
Table 6. ADA4830-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4
INP1, INP2
Positive Inputs.
2, 3
INN1, INN2
Negative Inputs.
5, 16
VREF2, VREF1
Voltage Reference Inputs. Sets the output dc bias voltage. Internally biased to +VS/2 when left floating. See
the Applications Information section.
6, 15
GND2, GND1
Power Supply Ground Pins.
7, 14
+VS2, +VS1
Positive Power Supply Pins. These pins must be connected together, to the same voltage. Bypass these pins
with a 0.1 µF capacitor to ground.
8, 13
ENA2, ENA1
Enable Pins. Connect to +VS or float for normal operation and to ground for device disable.
9, 12
VOUT2, VOUT1
Amplifier Outputs.
10, 11
STB2, STB1
Short-to-Battery Indicator Output Pins. A logic low indicates an overvoltage condition (short-to-battery), whereas a
logic high indicates normal operation. An open-drain configuration requires an external pull-up resistor.
EPAD
Exposed Pad. The exposed pad is located on the bottom side of the package. The pad is not connected
electrically, but should be soldered to a metalized area on the PCB to minimize thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com