Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4830-2BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4830-2BCPZ-R7
Description  High Speed Difference Amplifier with Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4830-2BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4830-2BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADA4830-1/ADA4830-2
Rev. C | Page 19 of 22
−
+
ADV7180
INN
VOUT
GND
INP
ADA4830-1
75
Ω
+
STB
ENA
+VS
4.7µF
0.1µF
0.1µF
21
25
24
23
19
AIN1
AIN2
AIN3
20
13
11
32
1
31
4
12
26
28
17
82nF
10nF
ELPF
27
ALSB
SCLK
SCLK
SDA
SDATA
XTAL1
XTAL
0.1µF
+VS
ENABLE
(INPUT)
STB FLAG
(OUTPUT)
2.2µF
0.1µF
5k
Ω
+VS
(2.9V TO 5.5V)
VREF
DVDDIO
0.1µF
10nF
AVDD_1.8V
0.1µF
10nF
0.1µF
10nF
DVDD_1.8V
DVDD_3.3V
DVDDIO
PVDD_1.8V
PVDD_1.8V
DVDD_1.8V
AVDD_1.8V
0.1µF
10nF
KEEP VREFN AND VREFP CAPACITORS AS CLOSE AS
POSSIBLE TO THE ADV7180 AND ON THE SAME SIDE
OF THE PCB AS THE ADV7180.
LOCATE CLOSE TO, AND
ON THE SAME SIDE AS,
THE ADV7180
ALSB TIED HI
≥ I2C ADDRESS = 0x42
ALSB TIED LOW
≥ I2C ADDRESS = 0x40
RESET
RESET
P0
P1
P2
P3
P4
P5
P6
P7
P0
YCrCb
8-BIT
656 DATA
P[0:7]
P1
P2
P3
P4
P5
P6
P7
16
15
10
9
8
7
6
5
VREFN
VREFP
28.63636MHz
47pF
47pF
1M
Ω
4k
Ω
LLC
1.69k
Ω
INTRQ
SFL
VS/FIELD
EXTERNAL
LOOP FILTER
KEEP CLOSE TO THE ADV7180 AND ON
THE SAME SIDE OF PCB AS THE ADV7180.
HS
LLC
INTRQ
SFL
VS/FIELD
HS
×1
Figure 41. ADA4830-1 Driving an ADV7180 Video Decoder
The ADA4830-1 and ADA4830-2 are differential receivers whose
overall performance is independent of the transmitter IC used
and whether the transmission line is ac-coupled or dc-coupled.
The ADA4830-1 and ADA4830-2 are specifically designed to
perform as differential line receivers. The circuit in Figure 41
shows a detailed schematic of the ADA4830-1 and the ADV7180
configured for this function. The signal is received differentially
relative to the common of the source circuitry, and that voltage
is exactly reproduced with an attenuating gain of 0.50 V/V. This
is designed to keep the video signal within the allowed range of
the video decoder, which is typically 1 V p-p or less.
The common-mode rejection vs. frequency, shown in Figure 14,
typically 65 dB at low frequencies, enables the recovery of video
signals in the presence of large common-mode noise. The high
input impedance permits the ADA4830-1 and ADA4830-2 to
operate as a bridging amplifier across low impedance terminations
with negligible loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com