Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4830-2BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4830-2BCPZ-R7
Description  High Speed Difference Amplifier with Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4830-2BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4830-2BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ADA4830-1/ADA4830-2
Data Sheet
Rev. C | Page 14 of 22
APPLICATIONS INFORMATION
METHODS OF TRANSMISSION
Pseudo Differential Mode (Unbalanced Source
Termination)
The ADA4830-1 and ADA4830-2 can be operated in a pseudo
differential configuration with an unbalanced input signal. This
allows the receiver to be driven by a single-ended source. Pseudo
differential mode uses a single conductor to carry an unbalanced
signal and connects the negative input terminal to the ground
reference of the source.
Use the positive wire or coaxial center conductor to connect the
source output to the positive input (INP) of the ADA4830-1 or
ADA4830-2. Next, connect the negative wire or coaxial shield from
the negative input (INN) back to a ground reference on the source
printed circuit board (PCB). The input termination should match
the source impedance and be referenced to the remote ground.
An example of this configuration is shown in Figure 30.
INN
INP
ADA4830-1
75
Ω
−
+
75
Ω
POSITIVE WIRE
NEGATIVE WIRE
DRIVER PCB
SINGLE-ENDED
AMPLIFIER
Figure 30. Pseudo Differential Mode
Pseudo Differential Mode (Balanced Source Impedance)
Pseudo differential signaling is typically implemented using
unbalanced source termination, as shown in Figure 30. With
this arrangement, however, common-mode signals on the
positive and negative inputs receive different attenuation due to
unbalanced termination at the source. This effectively converts
some of the common-mode signal into differential mode signal,
degrading the overall common-mode rejection of the system.
System common-mode rejection can be improved by balancing
the output impedance of the driver, as shown in Figure 31.
Splitting the source termination resistance evenly between the
hot and cold conductors results in matched attenuation of the
common-mode signals, ensuring maximum rejection.
INN
INP
ADA4830-1
75
Ω
−
+
37.5
Ω
37.5
Ω
POSITIVE WIRE
NEGATIVE WIRE
DRIVER PCB
SINGLE-ENDED
AMPLIFIER
Figure 31. Pseudo Differential Mode with Balanced Source Impedance
Fully Differential Mode
The differential inputs of the ADA4830-1 and ADA4830-2 allow
full balanced transmission using a differential source. In this
configuration, the differential input termination is equal to twice
the source impedance of each output. For example, a source
with 37.5 Ω back termination resistors in each leg should be
terminated with a differential resistance of 75 Ω. An illustration
of this arrangement is shown in Figure 32.
INN
INP
ADA4830-1
75
Ω
−
+
37.5
Ω
37.5
Ω
POSITIVE WIRE
NEGATIVE WIRE
DRIVER PCB
DIFFERENTIAL
AMPLIFIER
Figure 32. Fully Differential Mode
VOLTAGE REFERENCE (VREF PIN)
An internal reference level (VREF) determines the output voltage
when the differential input voltage is zero. A resistor divider
connected between the supply rails sets the VREF voltage. Built
with a pair of matched 40 kΩ resistors, the divider sets this
voltage to +VS/2.
The voltage reference pin (VREF) normally floats at its default
value of +VS/2. However, it can be used to vary the output
reference level from this default value. A voltage applied to VREF
appears at the output with unity gain, within the bandwidth limit
of the internal reference buffer. Figure 17 shows the frequency
response of the VREF input.
Any noise on the +VS supply rail appears at the output with only
6 dB of attenuation (the divide-by-two provided by the reference
divider). Even when this pin is floating, it is recommended that
an external capacitor be connected from the reference node to
ground to provide further attenuation of noise on the power supply
line. A 4.7 µF capacitor combined with the internal 40 kΩ resistor
sets the low-pass corner at under 1 Hz and results in better than
40 dB of supply noise attenuation at 100 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com