Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4830-2BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4830-2BCPZ-R7
Description  High Speed Difference Amplifier with Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4830-2BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4830-2BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4830-2BCPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ADA4830-1/ADA4830-2
Data Sheet
Rev. C | Page 20 of 22
FULLY DC-COUPLED TRANSMISSION LINE
The wide input common-mode range and high input impedance of
the ADA4830-1 and ADA4830-2 allow them to be used in fully
dc-coupled transmission line applications in which there may be a
significant discrepancy between voltage levels at the ground pins of
the driver and receiver. As long as the voltage difference between
reference levels at the transmitter and receiver is within the
common-mode range of the receiver, very little current flow
results, and no image degradation should be anticipated.
Figure 42 shows an example configuration of a completely dc-
coupled transmission using a low impedance differential driver.
RT
+VS
INN
VOUT
TO VIDEO
DECODER
GND
INP
ADA4830-1
75
Ω
−
+
GND
LPF
LPF
+
+
STB
ENA
+VS
4.7µF
0.1µF
+VS
ENABLE
(INPUT)
STB FLAG
(OUTPUT)
2.2µF
0.1µF
5k
Ω
+VS
(2.9V TO 5.5V)
STB
ENA
+VS
ENABLE
(INPUT)
STB FLAG
(OUTPUT)
2.2µF
0.1µF
+VS
(2.7V TO 3.6V)
VREF
+IN
–IN
–OUT
+OUT
−
+
75
Ω
TWISTED
PAIR
37.5
Ω
37.5
Ω
FROM
IMAGER
OR VIDEO
ENCODER
×1
Figure 42. Differential Video Filter Driver and ADA4830-1 Difference Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com