Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7621
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7621 Datasheet HTML 4Page - Analog Devices AD7621 Datasheet HTML 5Page - Analog Devices AD7621 Datasheet HTML 6Page - Analog Devices AD7621 Datasheet HTML 7Page - Analog Devices AD7621 Datasheet HTML 8Page - Analog Devices AD7621 Datasheet HTML 9Page - Analog Devices AD7621 Datasheet HTML 10Page - Analog Devices AD7621 Datasheet HTML 11Page - Analog Devices AD7621 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 8 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
–FB
2
+IN
3
–IN
4
+FB
11 –OUT
12 DISABLE
10 +OUT
9
VOCM
ADA4940-1
NOTES
1. CONNECT THE EXPOSED PAD TO
–VS OR GROUND.
Figure 4. ADA4940-1 Pin Configuration (16-Lead LFCSP)
–IN
1
VOCM 2
+VS 3
+OUT
4
+IN
8
DISABLE
7
–VS
6
–OUT
5
ADA4940-1
Figure 5.ADA4940-1 Pin Configuration (SOIC)
Table 11. ADA4940-1 Pin Function Descriptions (16-Lead
LFCSP)
Pin No.
Mnemonic
Description
1
−FB
Negative Output for Feedback
Component Connection.
2
+IN
Positive Input Summing Node.
3
−IN
Negative Input Summing Node.
4
+FB
Positive Output for Feedback
Component Connection.
5 to 8
+VS
Positive Supply Voltage.
9
VOCM
Output Common-Mode Voltage.
10
+OUT
Positive Output for Load
Connection.
11
−OUT
Negative Output for Load
Connection.
12
DISABLE
Disable Pin.
13 to 16
−VS
Negative Supply Voltage.
Exposed
paddle (EPAD)
Connect the exposed pad to −VS or
ground.
Table 12. ADA4940-1 Pin Function Descriptions (8-Lead
SOIC)
Pin No.
Mnemonic
Description
1
−IN
Negative Input Summing Node.
2
VOCM
Output Common-Mode Voltage.
3
+VS
Positive Supply Voltage.
4
+OUT
Positive Output for Load
Connection.
5
−OUT
Negative Output for Load
Connection.
6
−VS
Negative Supply Voltage.
7
DISABLE
Disable Pin.
8
+IN
Positive Input Summing Node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com