Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7621
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7621 Datasheet HTML 10Page - Analog Devices AD7621 Datasheet HTML 11Page - Analog Devices AD7621 Datasheet HTML 12Page - Analog Devices AD7621 Datasheet HTML 13Page - Analog Devices AD7621 Datasheet HTML 14Page - Analog Devices AD7621 Datasheet HTML 15Page - Analog Devices AD7621 Datasheet HTML 16Page - Analog Devices AD7621 Datasheet HTML 17Page - Analog Devices AD7621 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 14 of 32
–20
–130
0.01
0.1
110
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
VOUT, dm = 2V p-p
LFCSP: RL = 1kΩ
LFCSP: RL = 200Ω
SOIC: RL = 1kΩ
SOIC: RL = 200Ω
Figure 31. Spurious-Free Dynamic Range vs. Frequency at
RL = 200 Ω and RL = 1kΩ
–20
–150
–2.5
2.5
VOCM (V)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
VOUT, dm = 2V p-p
HD2 AT 1MHz
HD2 AT 100kHz
HD3 AT 1MHz
HD3 AT 100kHz
Figure 32. Harmonic Distortion vs. VOCM for 100 kHz and 1 MHz,
±2.5 V Supplies (LFCSP)
–20
–130
0.01
0.1
1
10
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
HD3 AT VOUT, dm = 8V p-p
HD2 AT VOUT, dm = 8V p-p
HD2 AT VOUT, dm = 4V p-p
HD2 AT VOUT, dm = 2V p-p
HD3 AT VOUT, dm = 2V p-p
HD3 AT VOUT, dm = 4V p-p
Figure 33. Harmonic Distortion vs. Frequency for Various VOUT, dm (LFCSP)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
012
345
67
89
10
VOUT, dm (V p-p)
VS = ±1.5V HD3
VS = +3V, 0V HD3
VS = +3V, 0V HD2
VS = ±3.5V HD3
VS = ±2.5V HD3
VS = ±3.5V HD2
VS = ±1.5V HD2
f = 1MHz
VS = ±2.5V HD2
Figure 34. Harmonic Distortion vs. VOUT, dm for Various Supplies, f = 1 MHz
(LFCSP)
–20
–140
03.0
2.5
VOCM (V)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.5
1.0
1.5
2.0
+VS = +3V, –VS = 0V
VOUT, dm = 2V p-p
HD2 AT 1MHz
HD3 AT 1MHz
HD3 AT 100kHz
HD2 AT 100kHz
Figure 35. Harmonic Distortion vs. VOCM for 100 kHz and 1 MHz, 3 V Supply
(LFCSP)
–20
–140
0.01
0.1
1
10
FREQUENCY (MHz)
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
VOUT, dm = 2V p-p
HD3, RF = RG = 499Ω
HD2, RF = RG = 499Ω
HD3, RF = RG = 1kΩ
HD2, RF = RG = 1kΩ
Figure 36. Harmonic Distortion vs. Frequency for Various RF and RG (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com