Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7621
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7621 Datasheet HTML 16Page - Analog Devices AD7621 Datasheet HTML 17Page - Analog Devices AD7621 Datasheet HTML 18Page - Analog Devices AD7621 Datasheet HTML 19Page - Analog Devices AD7621 Datasheet HTML 20Page - Analog Devices AD7621 Datasheet HTML 21Page - Analog Devices AD7621 Datasheet HTML 22Page - Analog Devices AD7621 Datasheet HTML 23Page - Analog Devices AD7621 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 20 of 32
TERMINOLOGY
DEFINITION OF TERMS
ADA4840-1/
ADA4940-2
RL, dm
VOUT, dm
RF
RF
RG
RG
+FB
+IN
+OUT
–OUT
–
+
+DIN
+VOCM
–DIN
–FB
–IN
Figure 61. Circuit Definitions
Differential Voltage
Differential voltage refers to the difference between two node
voltages. For example, the differential output voltage (or
equivalently, output differential mode voltage) is defined as
VOUT, dm = (V+OUT − V−OUT)
where V+OUT and V−OUT refer to the voltages at the +OUT and
−OUT terminals with respect to a common reference.
Similarly, the differential input voltage is defined as
VIN, dm = (+DIN − (−DIN))
Common-Mode Voltage (CMV)
CMV refers to the average of two node voltages. The output
common-mode voltage is defined as
VOUT, cm = (V+OUT + V−OUT)/2
Similarly, the input common-mode voltage is defined as
VIN, cm = (+DIN + (−DIN))/2
Common-Mode Offset Voltage
The common-mode offset voltage is defined as the difference
between the voltage applied to the VOCM terminal and the
common mode of the output voltage.
VOS, cm = VOUT, cm − VOCM
Differential VOS, Differential CMRR, and VOCM CMRR
The differential mode and common-mode voltages each have
their own error sources. The differential offset (VOS, dm) is the
voltage error between the +IN and −IN terminals of the amplifier.
Differential CMRR reflects the change of VOS,dm in response to
changes to the common-mode voltage at the input terminals
+DIN and −DIN.
dm
OS,
cm
IN,
DIFF
ΔV
ΔV
CMRR
=
VOCM CMRR reflects the change of VOS, dm in response to
changes to the common-mode voltage at the output terminals.
dm
OS,
OCM
V
ΔV
ΔV
CMRR
OCM
=
Balance
Balance is a measure of how well the differential signals are
matched in amplitude; the differential signals are exactly 180°
apart in phase. By this definition, the output balance is the
magnitude of the output common-mode voltage divided by
the magnitude of the output differential mode voltage.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com