Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7621
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7621 Datasheet HTML 9Page - Analog Devices AD7621 Datasheet HTML 10Page - Analog Devices AD7621 Datasheet HTML 11Page - Analog Devices AD7621 Datasheet HTML 12Page - Analog Devices AD7621 Datasheet HTML 13Page - Analog Devices AD7621 Datasheet HTML 14Page - Analog Devices AD7621 Datasheet HTML 15Page - Analog Devices AD7621 Datasheet HTML 16Page - Analog Devices AD7621 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 13 of 32
–20
–130
0.01
0.1
110
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
VOUT, dm = 2V p-p
HD3, G = 2
HD3, G = 1
HD2, G = 1
HD2, G = 2
Figure 25. Harmonic Distortion vs. Frequency for Various Gains (LFCSP)
–20
–130
0.01
0.1
110
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
VOUT, dm = 2V p-p
HD3, RL = 200Ω
HD3, RL = 1kΩ
HD2, RL = 1kΩ
HD2, RL = 200Ω
Figure 26. Harmonic Distortion vs. Frequency for Various Loads (LFCSP)
–20
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.01
0.1
1
10
FREQUENCY (MHz)
VOUT, dm = 2V p-p
HD2, VS = ±1.5V
HD3, VS = ±3.5V
HD3, VS = ±2.5V
HD2, VS = ±2.5V
HD3, VS = ±1.5V
HD2, VS = ±3.5V
Figure 27. Harmonic Distortion vs. Frequency for Various Supplies (LFCSP)
–20
–130
0.01
0.1
110
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
HD2, G = 1
HD3, G = 1
HD2, G = 2
HD3, G = 2
VOUT, dm = 2V p-p
Figure 28
. Harmonic Distortion vs. Frequency vs. Gain (SOIC)
–20
–130
0.01
0.1
110
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD2, RL = 200Ω
HD3, RL = 200Ω
VOUT, dm = 2V p-p
Figure 29
. Harmonic Distortion vs. Frequency for Various Loads (SOIC)
–20
–130
0.01
0.1
110
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
HD2, ±2.5V
HD3, ±2.5V
HD2, ±1.5V
HD3, ±1.5V
VOUT, dm = 2V p-p
Figure 30
. Harmonic Distortion vs. Frequency for Various Supplies (SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com