Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-2ACPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4940-2ACPZ-R2
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-2ACPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4940-2ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 26 of 32
DRIVING A HIGH PRECISION ADC
The ADA4940-1/ADA4940-2 are ideally suited for broadband
dc-coupled applications. The circuit in Figure 73 shows a front-
end connection for an ADA4940-1 driving an AD7982, which is
an 18-bit, 1 MSPS successive approximation, analog-to-digital
converter (ADC) that operates from a single power supply, 3 V
to 5 V. It contains a low power, high speed, 18-bit sampling
ADC and a versatile serial interface port. The reference voltage,
REF, is applied externally and can be set independent of the
supply voltage. As shown in Figure 73, the ADA4940-1 is dc-
coupled on the input and the output, which eliminates the need
for a transformer to drive the ADC. The amplifier performs a
single-ended-to-differential conversion if needed and level
shifts the input signal to match the input common mode of the
ADC. The ADA4940-1 is configured with a dual 7 V supply
(+6 V and −1 V) and a gain that is set by the ratio of the
feedback resistor to the gain resistor. In addition, the circuit
can be used in a single-ended-input-to-differential output or
differential-input-to-differential output configuration. If needed,
a termination resistor in parallel with the source input can be
used. Whether the input is a single-ended input or differential,
the input impedance of the amplifier can be calculated as shown in
the Terminating a Single-Ended Input section. If R1 = R2 = R3 =
R4 = 1 kΩ, the single-ended input impedance is approximately
1.33 kΩ, which, in parallel with a 52.3 Ω termination resistor,
provides a 50 Ω termination for the source. An additional 25.5 Ω
(1025.5 Ω total) at the inverting input balances the parallel
impedance of the 50 Ω source and the termination resistor driving
the noninverting input. However, if a differential source input is
used, the differential input impedance is 2 kΩ. In this case, two
52.3 Ω termination resistors are used to terminate the inputs.
In this example, the signal generator has a 10 V p-p symmetric,
ground-referenced bipolar output. The VOCM input is bypassed for
noise reduction and set externally with 1% resistors to 2.5 V to
maximize the output dynamic range. With an output common-
mode voltage of 2.5 V, each ADA4940-1 output swings between 0
V and 5 V, opposite in phase, providing a gain of 1 and a 10 V p-
p differential signal to the ADC input. The differential RC section
between the ADA4940-1 output and the ADC provides single-pole,
low-pass filtering with a corner frequency of 1.79 MHz and extra
buffering for the current spikes that are output from the ADC input
when its sample-and-hold (SHA) capacitors are discharged.
The total system power in Figure 73 is under 35 mW. A large
portion of that power is the current coming from supplies to the
output, which is set at 2.5 V, going back to the input through the
feedback and gain resistors. To reduce that power to 25 mW,
increase the value of the feedback and gain resistor from 1 kΩ
to 2 kΩ and set the value of the resistors R5 and R6 to 3 kΩ. The
ADR435 is used to regulate the +6 V supply to +5 V, which ends
up powering the ADC and setting the reference voltage for the
VOCM pin.
Figure 72 shows the fft of a 20 kHz differential input tone
sampled at 1 MSPS. The second and third harmonics are down
at −118 dBc and −122 dBc.
0
–160
–140
–120
–100
–80
–60
–40
–20
0
20k
40k
60k
80k
100k
FREQUENCY (Hz)
Figure 72. Distortion Measurement of a 20 kHz Input Tone (CN-0237)
33Ω
33Ω
10µF
R1
–DIN
+2.5V
+5V
+6V
–1V
R2
R4
+6V
REF
VDD
GND
IN+
IN–
AD7982
2.7nF
2.7nF
–IN
+OUT
–OUT
+IN
R3
+DIN
ADR435
0.1µF
R6
R5
SERIAL
INTERFACE
–FB
+FB
ADA4940-1
VOCM
Figure 73. ADA4940-1 (LFCSP) Driving the AD7982 ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com