Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-2ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4940-2ACPZ-R2
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-2ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4940-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 17 of 32
100
–100
0
150
TIME (ns)
–80
–60
–40
–20
0
20
40
60
80
10 20 30 40 50 60 70 80 90 100 110 120 130 140
VOUT, dm = 0.1V p-p
G = 2, RL = 1kΩ
G = 1, RL = 1kΩ
G = 1, RL = 200Ω
G = 2, RL = 200Ω
Figure 49. Small Signal Transient Response for Various Gains and Loads
(LFCSP)
–100
–80
–60
–40
–20
0
20
40
60
80
100
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
TIME (ns)
VOUT, dm = 0.1V
VS = ±1.5V
VS = ±3.5V
VS = ±2.5V
Figure 50. Small Signal Transient Response for Various Supplies (LFCSP)
100
–100
0
150
TIME (ns)
–80
–60
–40
–20
0
20
40
60
80
10 20 30 40 50 60 70 80 90 100 110 120 130 140
CDIFF = 0pF
VOUT, dm = 0.1V p-p
CCOM1 = CCOM2 = 0pF
CCOM1 = CCOM2 = 0.5pF
CCOM1 = CCOM2 = 1pF
CCOM1 = CCOM2 = 2pF
Figure 51. Small Signal Transient Response for Various Capacitive Loads
(LFCSP)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
TIME (ns)
VOUT, dm = 2V p-p
G = 1, RL = 1kΩ
G = 1, RL = 200Ω
G = 2, RL = 1kΩ
G = 2, RL = 200Ω
0
300
20 40 60 80 100 120 140 160 180 200 220 240 260 280
Figure 52. Large Signal Transient Response for Various Gains and Loads
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
20 40 60 80 100 120 140 160 180 200 220 240 260 280 300
TIME (ns)
VOUT, dm = 2V p-p
VS = ±3.5V
VS = ±1.5V
VS = ±2.5V
Figure 53. Large Signal Transient Response for Various Supplies
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
TIME (ns)
CDIFF = 0pF
VOUT, dm = 2V p-p
CCOM1 = CCOM2 = 0pF
CCOM1 = CCOM2 = 0.5pF
CCOM1 = CCOM2 = 1pF
CCOM1 = CCOM2 = 2pF
0
300
20 40 60 80 100 120 140 160 180 200 220 240 260 280
Figure 54. Large Signal Transient Response for Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com