Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-2ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4940-2ACPZ-R2
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-2ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4940-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 5 of 32
VS = 3 V
VOCM = Mid Supply, RF = RG = 1 kΩ, RL,dm = 1 kΩ, TA = 25°C, LFCSP package, unless otherwise noted. TMIN to TMAX = −40°C to +125°C.
(See Figure 61 for the definition of terms.)
+DIN or
–DIN to VOUT,dm Performance
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, dm = 0.1 V p-p
240
MHz
VOUT, dm = 0.1 V p-p, G = 2
200
MHz
VOUT, dm = 0.1 V p-p, G = 5
70
MHz
−3 dB Large Signal Bandwidth
VOUT, dm = 2 V p-p
24
MHz
VOUT, dm = 2 V p-p, G = 2
20
MHz
VOUT, dm = 2 V p-p, G = 5
17
MHz
Bandwidth for 0.1 dB Flatness
VOUT, dm = 0.1 V p-p
14
MHz
Slew Rate
VOUT, dm = 2 V step
90
V/µs
Settling Time to 0.1%
VOUT, dm = 2 V step
37
ns
Overdrive Recovery Time
G = 2, VIN, dm = 3.6 V p-p, triangle wave
85
ns
NOISE/HARMONIC PERFORMANCE
HD2/HD3
VOUT, dm = 2 V p-p, fC = 50 kHz (HD2/HD3)
−115/−121
dBc
VOUT, dm = 2 V p-p, fC = 1 MHz (HD2/HD3)
−104/−96
dBc
IMD3
VOUT,dm = 2 V p-p, f1 = 1.9 MHz, f2 = 2.1 MHz
−98
dBc
Input Voltage Noise
f = 100 kHz
3.9
nV/√Hz
Input Current Noise
f = 100 kHz
0.84
pA/√Hz
Crosstalk
VOUT, dm = 2 V p-p, fC = 1 MHz
−110
dB
INPUT CHARACTERISTICS
Input Offset Voltage
VIP = VIN = VOCM = 1.5 V
−0.4
±0.06
+0.4
mV
Input Offset Voltage Drift
TMIN to TMAX
1.2
µV/°C
Input Bias Current
−1.6
−1.1
µA
Input Bias Current Drift
TMIN to TMAX
−4.5
nA/°C
Input Offset Current
−500
±50
+500
nA
Input Common-Mode Voltage Range
−VS − 0.2 to
+VS − 1.2
V
Input Resistance
Differential
33
kΩ
Common mode
50
MΩ
Input Capacitance
1
pF
Common-Mode Rejection Ratio (CMRR)
ΔVOS, dm/ΔVIN, cm, ∆VIN, cm = ±0.25 V dc
86
114
dB
Open-Loop Gain
91
99
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each single-ended output
−VS + 0.08 to
+VS − 0.08
−VS + 0.04 to
+VS − 0.04
V
Linear Output Current
f = 1 MHz, RL, dm = 26 Ω, SFDR = −60 dBc
38
mA peak
Output Balance Error
f = 1 MHz, ΔVOUT, cm/ΔVOUT, dm
−65
−60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com