Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-2ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4940-2ACPZ-R2
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-2ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4940-2ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 27 of 32
LAYOUT, GROUNDING, AND BYPASSING
As a high speed device, the ADA4940-1/ADA4940-2 are
sensitive to the PCB environment in which they operate.
Realizing their superior performance requires attention to
the details of high speed PCB design.
ADA4940-1 LFCSP EXAMPLE
The first requirement is a solid ground plane that covers as
much of the board area around the ADA4940-1 as possible.
However, clear the area near the feedback resistors (RF), gain
resistors (RG), and the input summing nodes (Pin 2 and Pin 3)
of all ground and power planes (see Figure 74). Clearing the
ground and power planes minimizes any stray capacitance at
these nodes and prevents peaking of the response of the
amplifier at high frequencies.
The thermal resistance, θJA, is specified for the device, including
the exposed pad, soldered to a high thermal conductivity 4-layer
circuit board, as described in EIA/JESD 51-7.
Figure 74. Ground and Power Plane Voiding in Vicinity of RF and RG
Bypass the power supply pins as close to the device as possible
and directly to a nearby ground plane. Use high frequency ceramic
chip capacitors. Use two parallel bypass capacitors (1000 pF and
0.1 µF) for each supply. Place the 1000 pF capacitor closer to the
device. Further away, provide low frequency bypassing using
10 µF tantalum capacitors from each supply to ground.
Ensure that signal routing is short and direct to avoid parasitic
effects. Wherever complementary signals exist, provide a
symmetrical layout to maximize balanced performance. When
routing differential signals over a long distance, ensure that
PCB traces are close together, and twist any differential wiring
such that loop area is minimized. Doing this reduces radiated
energy and makes the circuit less susceptible to interference.
1.30
0.80
0.80
1.30
Figure 75. Recommended PCB Thermal Attach Pad Dimensions (mm)
0.30
PLATED
VIA HOLE
1.30
GROUND PLANE
POWER PLANE
BOTTOM METAL
TOP METAL
Figure 76. Cross-Section of 4-Layer PCB Showing Thermal Via Connection to Buried Ground Plane (Dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com