Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  700 MHz to 1000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5605ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADL5605
Rev. 0 | Page 5 of 20
TYPICAL SCATTERING PARAMETERS
VCC1 = 5 V and TA = 25°C; the effects of the test fixture have been de-embedded up to the pins of the device.1
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
100
−2.38
162.05
5.53
133.84
−48.08
12.48
−1.30
−147.53
150
−2.63
153.17
14.11
95.13
−47.50
2.17
−0.55
−172.43
200
−2.95
144.23
18.99
67.83
−55.96
−119.96
−0.68
−173.81
250
−3.50
135.13
22.75
39.76
−55.27
52.76
−1.24
−171.76
300
−4.41
127.84
25.46
−7.79
−61.09
77.07
−1.10
−176.42
350
−4.58
124.74
23.14
−63.51
−61.80
140.72
−1.06
−177.13
400
−5.11
110.20
17.94
−30.49
−52.49
171.89
−1.15
−176.29
450
−6.82
108.32
22.16
−61.71
−67.98
−27.39
−1.11
−177.02
500
−7.26
106.20
21.56
−87.12
−62.64
−21.99
−0.87
−177.37
550
−7.66
101.35
20.40
−105.19
−61.53
34.70
−0.92
−179.14
600
−8.25
95.77
19.42
−118.96
−61.21
99.93
−0.78
179.80
650
−8.86
89.58
18.55
−130.30
−61.13
129.82
−0.87
179.43
700
−9.58
82.66
17.89
−140.88
−59.03
107.89
−0.87
178.46
750
−10.59
75.33
17.40
−150.63
−61.26
91.70
−0.90
178.01
800
−11.75
66.62
17.07
−160.56
−57.17
92.00
−0.93
177.54
850
−13.27
57.13
16.89
−170.83
−56.35
107.58
−0.93
177.22
900
−15.44
46.13
16.84
178.03
−56.74
99.86
−0.96
176.90
950
−18.94
29.27
16.93
165.27
−54.82
107.20
−0.96
176.66
1000
−26.34
−2.06
16.96
150.36
−52.26
73.48
−0.98
176.43
1050
−26.92
−130.02
16.77
132.88
−54.70
68.96
−0.94
176.27
1100
−18.87
−171.63
16.17
113.62
−54.77
47.54
−0.81
176.15
1150
−15.30
163.88
14.89
94.11
−53.44
43.95
−0.76
175.49
1200
−13.83
145.18
13.13
76.86
−55.60
11.97
−0.72
174.79
1250
−13.51
129.85
11.09
62.33
−55.37
33.66
−0.66
173.83
1300
−13.68
117.81
8.95
50.66
−57.24
20.12
−0.68
173.19
1350
−14.26
108.51
6.91
41.54
−59.07
24.50
−0.66
172.57
1400
−14.96
99.61
4.91
33.49
−60.44
14.20
−0.69
171.85
1450
−15.76
92.58
3.04
26.87
−61.45
45.66
−0.63
171.46
1500
−16.83
86.52
1.23
21.09
−57.41
62.21
−0.69
170.87
1550
−17.90
79.79
−0.47
16.01
−62.00
53.37
−0.66
170.42
1600
−19.28
73.87
−2.09
11.40
−56.83
57.90
−0.69
169.98
1650
−20.56
67.65
−3.63
7.32
−57.60
58.62
−0.68
169.51
1700
−22.42
60.60
−5.10
3.62
−59.47
77.96
−0.68
168.99
1750
−24.45
51.72
−6.53
0.23
−58.70
76.85
−0.67
168.59
1800
−26.42
38.39
−7.92
−3.05
−55.11
66.53
−0.68
168.10
1850
−28.73
21.43
−9.27
−6.05
−58.19
37.40
−0.67
167.72
1900
−29.99
−4.11
−10.56
−8.66
−61.08
43.12
−0.68
167.18
1950
−29.61
−32.34
−11.84
−11.11
−57.28
78.91
−0.67
166.94
2000
−27.80
−55.73
−13.07
−13.38
−56.29
83.05
−0.68
166.45
1 VCC1 is the supply to the DUT through the RFOUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com