Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  700 MHz to 1000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5605ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
700 MHz to 1000 MHz,
1 W RF Driver Amplifier
ADL5605
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Operation from 700 MHz to 1000 MHz
Gain of 23 dB at 943 MHz
OIP3 of 44.2 dBm at 943 MHz
P1dB of 30.9 dBm at 943 MHz
Noise figure of 4.8 dB at 943 MHz
Power supply: 5 V
Power supply current: 307 mA typical
Internal active biasing
Fast power-up/power-down function
Compact 4 mm × 4 mm, 16-lead LFCSP
ESD rating of ±1 kV (Class 1C)
Pin-compatible with the ADL5606 (1800 MHz to 2700 MHz)
APPLICATIONS
Wireless infrastructure
Automated test equipment
ISM/AMR applications
GENERAL DESCRIPTION
The ADL5605 is a broadband, two-stage, 1 W RF driver
amplifier that operates over a frequency range of 700 MHz
to 1000 MHz.
The ADL5605 operates on a 5 V supply voltage and a supply
current of 307 mA. The driver also incorporates a fast power-
up/power-down function for TDD applications, applications
that require a power saving mode, and applications that
intermittently transmit data.
The ADL5605 is fabricated on a GaAs HBT process and is
packaged in a compact 4 mm × 4 mm, 16-lead LFCSP that
uses an exposed paddle for excellent thermal impedance. The
ADL5605 operates from −40°C to +85°C. A fully populated
evaluation board tuned to 943 MHz is also available.
FUNCTIONAL BLOCK DIAGRAM
11 RFOUT
12 RFOUT
10 RFOUT
9RFOUT
1
RFIN
2
DISABLE
3
VCC
4
VBIAS
ADL5605
VBIAS
PWDN
Figure 1.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
2
4
6
8
1012
141618
20
22
POUT (dBm)
946MHz
Figure 2. ACPR vs. Output Power, 3GPP, TM1-64, at 946 MHz


Similar Part No. - ADL5605ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5605ACPZ-R7 AD-ADL5605ACPZ-R7 Datasheet
554Kb / 18P
RF Driver Amplifier
Sep-2017
More results

Similar Description - ADL5605ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
SAW Filter (700 to 1000 MHz)
logo
Mini-Circuits
JSPHS-1000 MINI-JSPHS-1000 Datasheet
73Kb / 1P
180짰Voltage Variable, 700 to 1000 MHz
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com