Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  700 MHz to 1000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5605ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADL5605
Rev. 0 | Page 9 of 20
881 MHZ FREQUENCY TUNING BAND
50
45
40
35
30
25
20
15
10
5
0
868
873
878
883
888
893
FREQUENCY (MHz)
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 10. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
(OIP3 at POUT = 14 dBm per Tone)
27
19
21
20
22
23
24
25
26
868 870 872 874 876 878 880 882
894
892
890
888
886
884
FREQUENCY (MHz)
+85°C
–40°C
+25°C
Figure 11. Gain vs. Frequency and Temperature
0
–10
–20
–30
–40
–50
–60
868
873
878
883
888
893
FREQUENCY (MHz)
S11
S12
S22
Figure 12. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
40
26
28
30
32
34
38
36
46
32
34
36
38
44
42
40
868 870
880
878
876
874
872
884
882
886 888 890 892 894
FREQUENCY (MHz)
+85°C
–40°C
+25°C
+85°C
+25°C
–40°C
Figure 13. P1dB and OIP3 vs. Frequency and Temperature
(OIP3 at POUT = 14 dBm per Tone)
45
44
43
42
41
40
39
–2
02468
10
12
14
16
18
POUT PER TONE (dBm)
868MHz
881MHz
894MHz
Figure 14. OIP3 vs. POUT and Frequency
7
6
5
4
3
2
878
868
888
FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 15. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com