Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  700 MHz to 1000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5605ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5605
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
748 MHZ FREQUENCY TUNING BAND
50
45
0
10
5
15
20
30
25
35
40
728
763
733
738
743
748
753
758
768
FREQUENCY (MHz)
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 4. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
(OIP3 at POUT = 14 dBm per Tone)
28
27
20
21
22
23
24
25
26
728
763
733
738
743
748
753
758
768
FREQUENCY (MHz)
+85°C
–40°C
+25°C
Figure 5. Gain vs. Frequency and Temperature
0
–10
–20
–30
–40
–50
–60
728
763
733
738
743
748
753
758
768
FREQUENCY (MHz)
S11
S12
S22
Figure 6. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
42
24
26
28
30
32
34
40
38
36
46
28
30
32
34
36
38
44
42
40
728
733
738
743
748
753
758
763
768
FREQUENCY (MHz)
–40°C
+85°C
+85°C
+25°C
+25°C
–40°C
Figure 7. P1dB and OIP3 vs. Frequency and Temperature
(OIP3 at POUT = 14 dBm per Tone)
44
43
42
41
40
39
38
–2
0
2
4
6
8
10
12141618
POUT PER TONE (dBm)
768MHz
748MHz
728MHz
Figure 8. OIP3 vs. POUT and Frequency
7
6
5
4
3
2
738
728
748
758
768
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 9. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com