Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1075 Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 35Page - Analog Devices ADM1075 Datasheet HTML 36Page - Analog Devices ADM1075 Datasheet HTML 37Page - Analog Devices ADM1075 Datasheet HTML 38Page - Analog Devices ADM1075 Datasheet HTML 39Page - Analog Devices ADM1075 Datasheet HTML 40Page - Analog Devices ADM1075 Datasheet HTML 41Page - Analog Devices ADM1075 Datasheet HTML 42Page - Analog Devices ADM1075 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 39 of 52
REGISTER DETAILS
OPERATION COMMAND REGISTER
Address: 0x01, Reset: 0x00, Name: OPERATION
Table 9. Bit Descriptions for OPERATION
Bits
Bit Name
Settings
Description
Reset
Access
7
ON
Hot swap enable.
0x0
RW
0
Hot swap output disabled.
1
Hot swap output enabled.
[6:0]
RESERVED
Always reads as 0000000.
0x0
R
CLEAR FAULTS REGISTER
Address: 0x03, Send Byte, No Data, Name: CLEAR_FAULTS
PMBUS CAPABILITY REGISTER
Address: 0x19, Reset: 0xB0, Name: CAPABILITY
Table 10. Bit Descriptions for CAPABILITY
Bits
Bit Name
Settings
Description
Reset
Access
7
PEC_SUPPORT
Always reads as 1. Packet error checking (PEC) is supported.
0x1
R
[6:5]
MAX_BUS_SPEED
Always reads as 01. Maximum supported bus speed is 400 kHz.
0x01
R
4
SMBALERT_SUPPORT
Always reads as 1. Device supports SMBAlert and alert response
address (ARA).
0x1
R
[3:0]
RESERVED
Always reads as 0000.
0x0000
R
IOUT OC WARN LIMIT REGISTER
Address: 0x4A, Reset: 0x0FFF, Name: IOUT_OC_WARN_LIMIT
Table 11. Bit Descriptions for IOUT_OC_WARN_LIMIT
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
RESERVED
Always reads as 0000.
0x0
R
[11:0]
IOUT_OC_WARN_LIMIT
Overcurrent threshold for the IOUT measurement through the sense
resistor, expressed in ADC codes.
0xFFF
RW
VIN OV WARN LIMIT REGISTER
Address: 0x57, Reset: 0x0FFF, Name: VIN_OV_WARN_LIMIT
Table 12. Bit Descriptions for VIN_OV_WARN_LIMIT
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
RESERVED
Always reads as 0000.
0x0
R
[11:0]
VIN_OV_WARN_LIMIT
Overvoltage threshold for the ADC_V pin measurement, expressed
in ADC codes.
0xFFF
RW
VIN UV WARN LIMIT REGISTER
Address: 0x58, Reset: 0x0000, Name: VIN_UV_WARN_LIMIT
Table 13. Bit Descriptions for VIN_UV_WARN_LIMIT
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
RESERVED
Always reads as 0000.
0x0
R
[11:0]
VIN_UV_WARN_LIMIT
Undervoltage threshold for the ADC_V pin measurement, expressed
in ADC codes.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com