Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1075 Datasheet(PDF) 49 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 44Page - Analog Devices ADM1075 Datasheet HTML 45Page - Analog Devices ADM1075 Datasheet HTML 46Page - Analog Devices ADM1075 Datasheet HTML 47Page - Analog Devices ADM1075 Datasheet HTML 48Page - Analog Devices ADM1075 Datasheet HTML 49Page - Analog Devices ADM1075 Datasheet HTML 50Page - Analog Devices ADM1075 Datasheet HTML 51Page - Analog Devices ADM1075 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 49 of 52
Bits
Bit Name
Settings
Description
Reset
Access
4
IOUT_WARN2_OC_SELECT
Sets IOUT Warning 2 limit to OC or UC.
0x0
RW
0
Configures IOUT_WARN2_LIMIT as an undercurrent threshold
1
Configured IOUT_WARN2_LIMIT as an overcurrent threshold
[3:2]
OC_TRIP_SELECT
Sets severe OC trip threshold.
0x0
RW
00
125%.
01
150%. Default.
10
200%.
11
225%.
[1:0]
OC_FILT_SELECT
Sets severe OC filter time.
0x0
RW
00
200 ns.
01
900 ns. Default.
10
10.7 μs.
11
57 μs.
POWER CYCLE REGISTER
Address: 0xD9, Send Byte, No Data, Name: POWER_CYCLE
PEAK PIN REGISTER
Address: 0xDA, Reset: 0x0000, Name: PEAK_PIN (writing 0x0000 clears the peak value)
Table 37. Bit Descriptions for PEAK_PIN
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
PEAK_PIN
Returns the peak input power since the register was last cleared.
0x0
R
READ PIN_EXT REGISTER
Address: 0xDB, Reset: 0x03, 0x000000, Name: READ_PIN_EXT
Table 38. Bit Descriptions for READ_PIN_EXT
Byte
Bit Name
Settings
Description
Reset
Access
[0]
BYTE_COUNT
Always reads as 0x03, the number of data bytes that the block
read command should expect to read.
0x3
R
[3:1]
READ_PIN_EXT
This is the result of the VIN × IOUT calculation that has not been
truncated. Byte 3 is the high byte, Byte 2 is the middle byte, and
Byte 1 is the low byte.
0x0
R
READ EIN_EXT REGISTER
Address: 0xDC, Reset: 0x08, 0x000000, 0x0000, 0x000000, Name: READ_EIN_EXT
Table 39. Bit Descriptions for READ_EIN_EXT
Byte
Bit Name
Settings
Description
Reset
Access
[0]
BYTE_COUNT
Always reads as 0x08, the number of data bytes that the block
read command should expect to read.
0x8
R
[3:1]
ENERGY_EXT
This is the 24-bit energy accumulator in direct format. Byte 3 is
the high byte, Byte 2 is the middle byte, and Byte 1 is the low
byte.
0x0
R
[5:4]
ROLLOVER_EXT
Number of times that the energy count has rolled over, from
0x7FFF to 0x0000. This is a straight 16-bit binary value. Byte 5 is
the high byte, Byte 4 is the low byte.
0x0
R
[8:6]
SAMPLE_COUNT
This is the total number of PIN samples acquired and
accumulated in the energy count accumulator. Byte 8 is the high
byte, Byte 7 is the middle byte, and Byte 6 is the low byte.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com