Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1075 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 17Page - Analog Devices ADM1075 Datasheet HTML 18Page - Analog Devices ADM1075 Datasheet HTML 19Page - Analog Devices ADM1075 Datasheet HTML 20Page - Analog Devices ADM1075 Datasheet HTML 21Page - Analog Devices ADM1075 Datasheet HTML 22Page - Analog Devices ADM1075 Datasheet HTML 23Page - Analog Devices ADM1075 Datasheet HTML 24Page - Analog Devices ADM1075 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 21 of 52
RSENSE
Q1
SENSE–
VEE
GATE
VIN
SENSE+
ADM1075
RDROP = 15Ω
–48V RTN
–48V
11V
VEE
1µF
Rb1 = 100kΩ
Rb2 = 640Ω
Ib = 6µA TO 33µA
10.3V (5.5mA TO 10mA)
CIN
CLOAD
18V
TO
75V
Figure 43. Wide Input Supply Range
CURRENT SENSE INPUTS
The load current is monitored by measuring the voltage drop
across an external sense resistor, RSENSE. An internal current
sense amplifier provides a gain of 25 or 50 (depending on the
model) to the voltage drop detected across RSENSE. The result is
compared to an internal reference and detects when an
overcurrent condition occurs.
RSENSE
Q1
SENSE–
VEE
GATE
VIN
SENSE+
ADM1075
OVER-
CURRENT
1V REF
×25/50
+
–
–
Figure 44. Hot-Swap Current Sense Amplifier
The SENSE± inputs can be connected to multiple parallel sense
resistors, which can affect the voltage drop detected by the
ADM1075. The current flowing through the sense resistors
creates an offset, resulting in reduced accuracy. To achieve
better accuracy, averaging resistors should be used to sum the
sense nodes of each sense resistor, as shown in Figure 45. The
typical value for the averaging resistors is 10 Ω. The value of the
averaging resistors is chosen to be much greater than the trace
resistance between the sense resistor terminals and the inputs to
the ADM1075. This greatly reduces the effects of differences in
the trace resistances.
Q1
SENSE–
VEE
GATE
VIN
SENSE+
ADM1075
BIAS
CURRENT
Figure 45. Connection of Multiple Sense Resistors to SENSE± Pins
CURRENT LIMIT REFERENCE
The current limit reference voltage determines the load current
level to which the ADM1075 limits the current during an
overcurrent event. This is the reference voltage to which the
gained up current sense voltage is compared to determine if the
limit is reached. This current limit voltage, shown in Figure 46,
is then converted to a gate current to regulate the GATE pin.
m
LIM
CURR
GATE
g
V
I
×
=
_
where gm, the gate transconductance, = 660 μS.
An internal current limit reference selector block continuously
compares the ISET, soft start, and foldback (derived from PLIM)
voltages, determines which is the lowest at any given time, and
uses it as the current limit reference. This ensures that the
programmed current limit, ISET, is used in normal operation
and the soft start and foldback features reduce the current limit
when required.
The foldback and soft start voltages change during different
stages of operation and are clamped to a lower level of 100 mV
(typical) to prevent zero current flow due to the current limit
being too low.
GATE
SENSE+
ADM1075
VEE
SENSE–
SS
CURRENT
LIMIT
VOLTAGE
FLB
( = 0.1/PLIM)
ISET
TIMEOUT
CURRENT
LIMIT
CONTROL
REF
SELECT
1.0V
CURRENT
LIMIT
VCAP
10µA
GATE
DRIVE
LOGIC
PLIM
–
×25/50
+
+
–
Figure 46. Current Limit Reference Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com