Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP441 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMP441
Description  Omnidirectional Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441 Datasheet(HTML) 4 Page - Analog Devices

  ADMP441 Datasheet HTML 1Page - Analog Devices ADMP441 Datasheet HTML 2Page - Analog Devices ADMP441 Datasheet HTML 3Page - Analog Devices ADMP441 Datasheet HTML 4Page - Analog Devices ADMP441 Datasheet HTML 5Page - Analog Devices ADMP441 Datasheet HTML 6Page - Analog Devices ADMP441 Datasheet HTML 7Page - Analog Devices ADMP441 Datasheet HTML 8Page - Analog Devices ADMP441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADMP441
Data Sheet
Rev. A | Page 4 of 16
I²S DIGITAL INPUT/OUTPUT
–40°C < TA < +85°C, 1.8 V < VDD < 3.3 V, unless otherwise noted.
Table 2.
Limit1
Parameter
Symbol
Test Conditions/Comments
Min
Max
Unit
DIGITAL INPUT
Voltage Input Low (L/R, WS, SCK)
VIL
0
0.25 × VDD
V
Voltage Input High (L/R, WS, SCK)
VIH
0.7 × VDD
VDD
V
SD DIGITAL OUTPUT
Voltage Output Low
VOL
VDD = 1.8 V, ISINK = 0.25 mA
0.1 × VDD
V
Voltage Output Low
VOL
VDD = 1.8 V, ISINK = 0.7 mA
0.3 × VDD
V
Voltage Output High
VOH
VDD = 1.8 V, ISINK = 0.7 mA
0.7 × VDD
V
Voltage Output High
VOH
VDD = 1.8 V, ISINK = 0.25 mA
0.9 × VDD
V
Voltage Output Low
VOL
VDD = 3.3 V, ISINK = 0.5 mA
0.1 × VDD
V
Voltage Output Low
VOL
VDD = 3.3 V, ISINK = 1.7 mA
0.3 × VDD
V
Voltage Output High
VOH
VDD = 3.3 V, ISINK = 1.7 mA
0.7 × VDD
V
Voltage Output High
VOH
VDD = 3.3 V, ISINK = 0.5 mA
0.9 × VDD
V
1 Limits based on characterization results; not production tested.
Table 3. Serial Data Port Timing Specifications
Parameter
Description
Min
Max
Unit
tSCH
SCK high
50
ns
tSCL
SCK low
50
ns
tSCP
SCK period
312
ns
fSCK
SCK frequency
0.5
3.2
MHz
tWSS
WS setup
0
ns
tWSH
WS hold
20
ns
fWS
WS frequency
7.8
49.3
kHz
TIMING DIAGRAM
SCK
WS
SD
tSCP
tSCH
tSCL
tWSH
tWSS
Figure 3. Serial Data Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com