Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP441 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMP441
Description  Omnidirectional Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMP441 Datasheet HTML 2Page - Analog Devices ADMP441 Datasheet HTML 3Page - Analog Devices ADMP441 Datasheet HTML 4Page - Analog Devices ADMP441 Datasheet HTML 5Page - Analog Devices ADMP441 Datasheet HTML 6Page - Analog Devices ADMP441 Datasheet HTML 7Page - Analog Devices ADMP441 Datasheet HTML 8Page - Analog Devices ADMP441 Datasheet HTML 9Page - Analog Devices ADMP441 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADMP441
Data Sheet
Rev. A | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
4
L/R
6 GND
3
WS
7 VDD
2
SD
8 CHIPEN
1
SCK
9 GND
BOTTOM VIEW
(Not to Scale)
ADMP441
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
SCK
Input
Serial Data Clock for I²S Interface.
2
SD
Output
Serial Data Output for I²S Interface. This pin tristates when not actively driving the appropriate
output channel. The SD trace should have a 100 kΩ pull-down resistor to discharge the line during
the time that all microphones on the bus have tristated their outputs.
3
WS
Input
Serial Data-Word Select for I²S Interface.
4
L/R
Input
Left/Right Channel Select. When set low, the microphone outputs its signal in the left channel of
the I²S frame; when set high, the microphone outputs its signal in the right channel.
5
GND
Ground
Ground. Connect to ground on the PCB.
6
GND
Ground
Ground. Connect to ground on the PCB.
7
VDD
Power
Power, 1.8 to 3.3 V. This pin should be decoupled to Pin 6 with a 0.1 μF capacitor.
8
CHIPEN
Input
Microphone Enable. When set low (ground), the microphone is disabled and put in power-down
mode. When set high (VDD), the microphone is enabled.
9
GND
Ground
Ground. Connect to ground on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com