Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP441 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMP441
Description  Omnidirectional Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441 Datasheet(HTML) 3 Page - Analog Devices

  ADMP441 Datasheet HTML 1Page - Analog Devices ADMP441 Datasheet HTML 2Page - Analog Devices ADMP441 Datasheet HTML 3Page - Analog Devices ADMP441 Datasheet HTML 4Page - Analog Devices ADMP441 Datasheet HTML 5Page - Analog Devices ADMP441 Datasheet HTML 6Page - Analog Devices ADMP441 Datasheet HTML 7Page - Analog Devices ADMP441 Datasheet HTML 8Page - Analog Devices ADMP441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADMP441
Rev. A | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VDD = 2.4 V, SCK = 3.072 MHz, SPL = 104 dB (3.16 Pa rms), unless otherwise noted. All minimum and maximum
specifications are guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity at 94 dB SPL1
1 kHz, 104 dB SPL
−29
−26
−23
dBFS
Signal-to-Noise Ratio
SNR
20 kHz bandwidth, A-weighted
61
dBA
Equivalent Input Noise
EIN
20 kHz bandwidth, A-weighted
33
dBA SPL
Dynamic Range
Derived from EIN and maximum acoustic input
87
dB
Frequency Response2
Low frequency –3 dB point
60
Hz
High frequency –3 dB point
15
kHz
Deviation limits from flat response within pass band
−3/+2
dB
Total Harmonic Distortion
THD
104 dB SPL
3
%
Power Supply Rejection
PSR
217 Hz, 100 mV p-p square wave superimposed on VDD
−75
dBFS
Maximum Acoustic Input
Peak
120
dB SPL
Noise Floor
20 Hz to 20 kHz, A-weighted, rms
−87
dBFS
POWER SUPPLY
Supply Voltage
VDD
1.8
3.3
V
Supply Current
IDD
VDD = 1.8 V
Normal Mode
1.4
1.6
mA
Standby
0.8
mA
Power-Down
2
μA
VDD = 3.3 V
Normal Mode
2.2
2.5
mA
Standby
0.8
mA
Power-Down
4.5
μA
DIGITAL FILTER
Group Delay
17.25/fS
sec
fS = 48 kHz
359
μs
fS = 16 kHz
1078
μs
Pass-Band Ripple
±0.04
dB
Stop-Band Attenuation
60
dB
Pass Band
0.423 × fS
20.3
kHz
1 The peak-to-peak amplitude is relative to peak-to-peak amplitude of 224 − 1. The stimulus is a 104 dB SPL sinusoid having rms amplitude of 3.1623 Pa. Sensitivity is
relative to 1 Pa.
2 See Figure 6 and Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com