Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP441 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP441
Description  Omnidirectional Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441 Datasheet(HTML) 1 Page - Analog Devices

  ADMP441 Datasheet HTML 1Page - Analog Devices ADMP441 Datasheet HTML 2Page - Analog Devices ADMP441 Datasheet HTML 3Page - Analog Devices ADMP441 Datasheet HTML 4Page - Analog Devices ADMP441 Datasheet HTML 5Page - Analog Devices ADMP441 Datasheet HTML 6Page - Analog Devices ADMP441 Datasheet HTML 7Page - Analog Devices ADMP441 Datasheet HTML 8Page - Analog Devices ADMP441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Omnidirectional Microphone with
Bottom Port and I2S Digital Output
Data Sheet
ADMP441
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Digital I²S interface with high precision 24-bit data
High SNR of 61 dBA
High sensitivity of −26 dBFS
Flat frequency response from 60 Hz to 15 kHz
Low current consumption of 1.4 mA
High PSR of −75 dBFS
Small 4.72 mm × 3.76 mm × 1 mm surface-mount package
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Teleconferencing systems
Gaming consoles
Mobile devices
Laptops
Tablets
Security systems
FUNCTIONAL BLOCK DIAGRAM
ADMP441
ADC
POWER
MANAGEMENT
SCK
SD
WS
FILTER
I2S
SERIAL
PORT
HARDWARE
CONTROL
Figure 1.
BOTTOM
TOP
Figure 2. Isometric Views of ADMP441 Microphone Package
GENERAL DESCRIPTION
The ADMP4411 is a high performance, low power, digital output,
omnidirectional MEMS microphone with a bottom port. The
complete ADMP441 solution consists of a MEMS sensor, signal
conditioning, an analog-to-digital converter, antialiasing filters,
power management, and an industry standard 24-bit I2S inter-
face. The I2S interface allows the ADMP441 to connect directly
to digital processors, such as DSPs and microcontrollers, with-
out the need for an audio codec in the system.
The ADMP441 has a high SNR and high sensitivity, making it
an excellent choice for far field applications. The ADMP441 has
a flat wideband frequency response, resulting in natural sound
with high intelligibility. A built-in particle filter provides high
reliability.
The ADMP441 is available in a thin 4.72 mm × 3.76 mm ×
1 mm surface-mount package. It is reflow solder compatible
with no sensitivity degradation. The ADMP441 is halide free.
1 Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897. Other patents are pending.


Similar Part No. - ADMP441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP441 AD-ADMP441 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP441ACEZ-RL AD-ADMP441ACEZ-RL Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP441ACEZ-RL7 AD-ADMP441ACEZ-RL7 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
More results

Similar Description - ADMP441

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
EM1050 SOBERTON-EM1050 Datasheet
878Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6027 SOBERTON-EM6027 Datasheet
811Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6035 SOBERTON-EM6035 Datasheet
161Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6050 SOBERTON-EM6050 Datasheet
178Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9445 SOBERTON-EM9445 Datasheet
186Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9465 SOBERTON-EM9465 Datasheet
831Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9745 SOBERTON-EM9745 Datasheet
818Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9745P-C SOBERTON-EM9745P-C Datasheet
809Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9765 SOBERTON-EM9765 Datasheet
839Kb / 1P
Omnidirectional Electret Condenser Microphone
logo
CITIZEN ELECTRONICS CO....
CHM-04C-03 CITIZEN-CHM-04C-03 Datasheet
511Kb / 1P
Electret Condenser Microphone(Omnidirectional)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com