Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP521 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP521
Description  Ultralow Noise Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP521 Datasheet(HTML) 1 Page - Analog Devices

  ADMP521 Datasheet HTML 1Page - Analog Devices ADMP521 Datasheet HTML 2Page - Analog Devices ADMP521 Datasheet HTML 3Page - Analog Devices ADMP521 Datasheet HTML 4Page - Analog Devices ADMP521 Datasheet HTML 5Page - Analog Devices ADMP521 Datasheet HTML 6Page - Analog Devices ADMP521 Datasheet HTML 7Page - Analog Devices ADMP521 Datasheet HTML 8Page - Analog Devices ADMP521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultralow Noise Microphone with
Bottom Port and PDM Digital Output
Data Sheet
ADMP521
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Small and thin 4 mm × 3 mm × 1 mm surface-mount package
Omnidirectional response
Very high SNR: 65 dBA
Sensitivity of −26 dBFS
Extended frequency response from 100 Hz to 16 kHz
Low current consumption: 900 µA
Sleep mode for extended battery life, <1 µA consumption
120 dB maximum SPL
High PSR of −80 dBFS
Fourth-order Σ-Δ modulator
Digital PDM output
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Smartphones and feature phones
Tablet computers
Teleconferencing systems
Digital still and video cameras
Bluetooth headsets
Notebook PCs
Security and surveillance
FUNCTIONAL BLOCK DIAGRAM
ADMP521
ADC
POWER
MANAGEMENT
CLK
DATA
PDM
MODULATOR
CHANNEL
SELECT
Figure 1.
BOTTOM
TOP
Figure 2. Isometric Views of ADMP521 Microphone Package
GENERAL DESCRIPTION
The ADMP5211 is a high performance, ultralow noise, low
power, digital output, bottom-ported omnidirectional MEMS
microphone. The ADMP521 consists of a MEMS microphone
element and an impedance converter amplifier followed by a
fourth-order sigma-delta (Σ-Δ) modulator. The digital interface
allows for the pulse density modulated (PDM) output of two
microphones to be time-multiplexed on a single data line using
a single clock. The ADMP521 is function and pin compatible with
the ADMP421 microphone, providing an easy upgrade path.
The ADMP521 has a very high signal-to-noise ratio (SNR) and
common sensitivity of −26 dBFS, making it an excellent choice
for far field applications. The ADMP521 has an extended wide-
band frequency response resulting in natural sound with high
intelligibility. Low current consumption and a sleep mode with
less than 1 µA current consumption enables long battery life
for portable applications. The ADMP521 complies with the
TIA-920 Tele-communications Telephone Terminal Equipment
Transmission Requirements for Wideband Digital Wireline
Telephones standard.
The ADMP521 is available in a thin 4 mm × 3 mm × 1 mm
surface-mount package. It is reflow solder compatible with
no sensitivity degradation. The ADMP521 is halide free.
1
Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; 7,961,897. Other patents are pending.


Similar Part No. - ADMP521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP504 AD-ADMP504 Datasheet
273Kb / 12P
Ultralow Noise Microphone
REV. 0
ADMP504ACEZ AD-ADMP504ACEZ Datasheet
273Kb / 12P
Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
ADMP504ACEZ-RL AD-ADMP504ACEZ-RL Datasheet
273Kb / 12P
Ultralow Noise Microphone
REV. 0
ADMP504ACEZ-RL AD-ADMP504ACEZ-RL Datasheet
273Kb / 12P
Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
ADMP504ACEZ-RL7 AD-ADMP504ACEZ-RL7 Datasheet
273Kb / 12P
Ultralow Noise Microphone
REV. 0
More results

Similar Description - ADMP521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
ADMP504 AD-ADMP504 Datasheet
273Kb / 12P
Ultralow Noise Microphone
REV. 0
ADR4520 AD-ADR4520 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADMP510 AD-ADMP510 Datasheet
247Kb / 12P
RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
ADMP504ACEZ AD-ADMP504ACEZ Datasheet
273Kb / 12P
Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
logo
Texas Instruments
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com