Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP521 Datasheet(PDF) 14 Page - Analog Devices

Part # ADMP521
Description  Ultralow Noise Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP521 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMP521 Datasheet HTML 8Page - Analog Devices ADMP521 Datasheet HTML 9Page - Analog Devices ADMP521 Datasheet HTML 10Page - Analog Devices ADMP521 Datasheet HTML 11Page - Analog Devices ADMP521 Datasheet HTML 12Page - Analog Devices ADMP521 Datasheet HTML 13Page - Analog Devices ADMP521 Datasheet HTML 14Page - Analog Devices ADMP521 Datasheet HTML 15Page - Analog Devices ADMP521 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADMP521
Data Sheet
Rev. A | Page 14 of 16
RELIABILITY SPECIFICATIONS
The microphone sensitivity after stress must deviate by no more than 3 dB from the initial value.
Table 7.
Stress Test
Description
Low Temperature Operating Life
−40°C, 1000 hours, powered
High Temperature Operating Life
+125°C, 1000 hours, powered
Temperature Humidity Bias (THB)
+85°C/85% relative humidity (RH), 1000 hours, powered
Temperature Cycle
−40°C/+125°C, one cycle per hour, 1000 cycles
High Temperature Storage
150°C, 1000 hours
Low Temperature Storage
−40°C, 1000 hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com