Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP521 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMP521
Description  Ultralow Noise Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP521 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMP521 Datasheet HTML 7Page - Analog Devices ADMP521 Datasheet HTML 8Page - Analog Devices ADMP521 Datasheet HTML 9Page - Analog Devices ADMP521 Datasheet HTML 10Page - Analog Devices ADMP521 Datasheet HTML 11Page - Analog Devices ADMP521 Datasheet HTML 12Page - Analog Devices ADMP521 Datasheet HTML 13Page - Analog Devices ADMP521 Datasheet HTML 14Page - Analog Devices ADMP521 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADMP521
Rev. A | Page 11 of 16
PCB DESIGN AND LAYOUT
The recommended PCB land pattern for the ADMP521 should
be laid out to a 1:1 ratio to the solder pads on the microphone
package, as shown in Figure 15. Take care to avoid applying solder
paste to the sound hole in the PCB. A suggested solder paste
stencil pattern layout is shown in Figure 16.
The response of the ADMP521 is not affected by the PCB hole
size as long as the hole is not smaller than the sound port of the
microphone (0.25 mm, or 0.010”, in diameter). A 0.5 mm to 1 mm
(0.020 inch to 0.040 inch) diameter for the hole is recommended.
Take care to align the hole in the microphone package with the
hole in the PCB. The exact degree of the alignment does not affect
the microphone performance as long as the holes are not partially
or completely blocked.
4× 0.40 × 0.60
(0.30)
0.90
(0.30)
ø1.70
3.80
(0.30)
0.35
2.80
2× R0.10
(0.30)
0.35
2.05
0.70
ø1.10
(1.000)
(0.550)
CENTER LINE
Figure 15. Suggested PCB Land Pattern Layout
1.45
0.9
2.45
0.7
1.525
1.000
0.35
1.849
1.849
1.498
0.205 WIDE
0.248 × 0.498 (2×)
0.248 × 1.148 (2×)
0.248 × 0.948 (2×)
1.498 × 0.248
0.398 × 0.298 (4×)
0.362 CUT (3×)
1.17
24°
24°
0.375
CENTER
LINE
Figure 16. Suggested Solder Paste Stencil Pattern Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com