Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP521 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMP521
Description  Ultralow Noise Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP521 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMP521 Datasheet HTML 6Page - Analog Devices ADMP521 Datasheet HTML 7Page - Analog Devices ADMP521 Datasheet HTML 8Page - Analog Devices ADMP521 Datasheet HTML 9Page - Analog Devices ADMP521 Datasheet HTML 10Page - Analog Devices ADMP521 Datasheet HTML 11Page - Analog Devices ADMP521 Datasheet HTML 12Page - Analog Devices ADMP521 Datasheet HTML 13Page - Analog Devices ADMP521 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADMP521
Data Sheet
Rev. A | Page 10 of 16
APPLICATIONS INFORMATION
INTERFACING WITH ANALOG DEVICES CODECS
The PDM output of the ADMP521 interfaces directly with
the digital microphone inputs on Analog Devices ADAU1361,
ADAU1761, and ADAU1781 codecs. See the connection diagram
shown in Figure 14, and refer to the AN-1003 Application Note
and the respective data sheets of the codecs for more details on
the digital microphone interface.
The CN-0078 Circuit Note describes the connection between these
codecs and a digital microphone. All configuration information
is the same for the ADMP521 as it is for the ADMP421.
SUPPORTING DOCUMENTS
For additional information, see the following.
Evaluation Board User Guides
UG-326, EVAL-ADMP521Z-FLEX: Bottom-Ported, Digital Output,
MEMS Microphone Evaluation Board
UG-335, EVAL-ADMP521Z Bottom Port Digital Output MEMS
Microphone Evaluation Board
Circuit Note
CN-0078, Digital MEMS Microphone Simple Interface to a
SigmaDSP Audio Codec
Application Notes
AN-1003, Recommendations for Mounting and Connecting
Analog Devices, Inc., Bottom-Ported MEMS Microphones
AN-1068, Reflow Soldering of the MEMS Microphone
AN-1112, Microphone Specifications Explained
AN-1124, Recommendations for Sealing Analog Devices, Inc.,
Bottom-Port MEMS Microphones from Dust and Liquid Ingress
AN-1140, Microphone Array Beamforming
AVDD
MICBIAS
ADAU1361
OR
ADAU1761
0.1µF
0.1µF
1.8V TO 3.3V
JACKDET/MICIN
GND
L/R SELECT
DATA
VDD
CLK
ADMP521
ADMP521
GND
L/R SELECT
DATA
VDD
CLK
BCLK/GPIO2
Figure 14. ADAU1361 or ADAU1761 Stereo Interface Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com