Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5363ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5363ACPZ-R7
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5363ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5363ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5363
Rev. 0 | Page 12 of 24
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
60
57
54
51
48
45
42
39
36
33
30
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 29. LO Switch Isolation vs. RF Frequency
–30
–35
–40
–45
–55
–50
–60
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 30. RF-to-IF Isolation vs. RF Frequency
–5
–10
–15
–20
–25
–30
–35
–40
2.50 2.55 2.60 2.65 2.70 2.75 2.80
3.10
3.00 3.05
2.95
2.90
2.85
LO FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 31. LO-to-IF Leakage vs. LO Frequency
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
2.50 2.55 2.60 2.65 2.70 2.75 2.80
3.10
3.00 3.05
2.95
2.90
2.85
LO FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 32. LO-to-RF Leakage vs. LO Frequency
0
–5
–10
–15
–20
–25
–30
–60
–55
–50
–45
–40
–35
2xLO TO RF
2xLO TO IF
2.50
3.10
LO FREQUENCY (GHz)
2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05
Figure 33. 2LO Leakage vs. LO Frequency
–52
–55
–58
–61
–76
–67
–70
–73
–64
2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10
LO FREQUENCY (GHz)
3xLO TO RF
3xLO TO IF
Figure 34. 3LO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com