Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5363ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5363ACPZ-R7
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5363ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5363ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADL5363
Rev. 0 | Page 15 of 24
UPCONVERSION
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
13
12
11
10
9
8
7
6
5
4
3
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 44. Power Conversion Loss vs. RF Frequency, VS = 5 V, Upconversion
30
29
28
27
26
25
24
23
22
21
20
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 45. Input IP3 vs. RF Frequency, VS = 5 V, Upconversion
9.0
8.5
8.0
7.5
7.0
6.5
5.5
6.0
5.0
4.5
4.0
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 46. Power Conversion Loss vs. RF Frequency at 3.3 V, Upconversion
35
33
31
29
27
25
21
23
19
17
15
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 47. Input IP3 vs. RF Frequency at 3.3 V, Upconversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com