Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5363ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5363ACPZ-R7
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5363ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5363ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5363
Rev. 0 | Page 19 of 24
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The ADL5363 mixer is designed to downconvert radio frequen-
cies (RF) primarily between 2300 MHz and 2900 MHz to lower
intermediate frequencies (IF) between 30 MHz and 450 MHz.
Figure 49 depicts the basic connections of the mixer. To prevent
nonzero dc voltages from damaging the RF balun or LO input
circuit, ac-couple the RF and LO input ports. The RFIN
matching network consists of a series 1.5 pF capacitor and a
shunt 12 nH inductor to provide the optimized RF input return
loss for the desired frequency band.
IF PORT
The real part of the output impedance is approximately 50 Ω, as
seen in Figure 26, which matches many commonly used SAW
filters without the need for a transformer. This results in a
voltage conversion loss that is approximately the same as the
power conversion loss, as shown in Table 3.
BIAS RESISTOR SELECTION
An external resistor, RBIAS LO, is used to adjust the bias current
of the integrated amplifiers at the LO terminals. It is necessary
to have a sufficient amount of current to bias the internal LO
amplifier to optimize dc current vs. optimum IIP3 performance.
Figure 37 and Figure 38 provide the reference for the bias
resistor selection when lower power consumption is considered
at the expense of conversion gain and IP3 performance.
MIXER VGS CONTROL DAC
The ADL5363 features two logic control pins, VGS0 (Pin 12) and
VGS1 (Pin 13), that allow programmability for internal gate-to-
source voltages for optimizing mixer performance over desired
frequency bands. The evaluation board defaults both VGS0 and
VGS1 to ground.
2
3
1
19
18
17
16
6
7
8
9
10
14
15
12
11
BIAS
GENERATOR
LO2_IN
RF-IN
+5V
+5V
+5V
+5V
LO1_IN
10kΩ
R1
0Ω
C24
560pF
10kΩ
10pF
10pF
10pF
1.5pF
10pF
10µH
0.01µF
4.7µF
RBIAS LO
22pF
10pF
22pF
ADL5363
20
13
5
4
T1
IF1_OUT
C25
560pF
12nH
Figure 49. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com