Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5363ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5363ACPZ-R7
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5363ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5363ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL5363
Rev. 0 | Page 20 of 24
EVALUATION BOARD
An evaluation board is available for the family of double balanced mixers. The standard evaluation board schematic is shown in Figure 50.
The evaluation board is fabricated using Rogers® RO3003 material. Table 7 describes the various configuration options of the evaluation
board. Evaluation board layout is shown in Figure 51 to Figure 54.
C22
1nF
C20
10pF
C2
10µF
C21
10pF
C1
1.5pF
C10
22pF
C12
22pF
VGS1
LO2_IN
LO1_IN
RF-IN
R22
10kΩ
VPOS
PWR_UP
R23
15kΩ
VPOS
VPOS
VPOS
LOSEL
VGS0
C5
0.01µF
C4
10pF
C6
10pF
C8
10pF
R9
1.1kΩ
R4
10kΩ
R21
10kΩ
R14
0Ω
L3
0Ω
VPMX
RFIN
RFCT
COMM
COMM
VGS1
VPSW
LOI2
VGS0
LOI1
ADL5363
R1
0Ω
C24
560pF
T1
IF1_OUT
C25
560pF
Z1
12nH
Figure 50. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com