Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP198ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP198ACPZ-R7
Description  Logic Controlled, 1 A, High-Side Load
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP198ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP198ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP198
Data Sheet
Rev. D | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.02
0.04
0.06
0.08
0.10
0.12
–40
–5
85
25
125
TEMPERATURE (°C)
ILOAD = 1000mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 800mA
Figure 6. RDSON vs. Temperature, WLCSP
0
0.02
0.04
0.06
0.08
0.12
0.10
0.14
0.16
–40
–5
85
25
125
TEMPERATURE (°C)
ILOAD = 1000mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 800mA
Figure 7. RDSON vs. Temperature, LFCSP
0
0.05
0.10
0.15
0.20
0.25
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VIN (V)
ILOAD = 1000mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 800mA
Figure 8. RDSON vs. Input Voltage (VIN), WLCSP
0
0.05
0.10
0.15
0.20
0.25
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VIN (V)
ILOAD = 1000mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 800mA
Figure 9. RDSON vs. Input Voltage (VIN), LFCSP
0
0.05
0.10
0.15
0.20
0.25
10
100
1000
LOAD (mA)
VIN = 1.65V
VIN = 1.80V
VIN = 2.10V
VIN = 2.50V
VIN = 2.80V
VIN = 3.30V
VIN = 3.80V
VIN = 4.50V
VIN = 5.50V
VIN = 6.50V
Figure 10. Voltage Drop vs. Load Current, WLCSP
0
0.05
0.10
0.15
0.20
0.25
10
100
1000
LOAD (mA)
VIN = 1.65V
VIN = 1.80V
VIN = 2.10V
VIN = 2.50V
VIN = 2.80V
VIN = 3.30V
VIN = 3.80V
VIN = 4.50V
VIN = 5.50V
VIN = 6.50V
Figure 11. Voltage Drop vs. Load Current, LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com