Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP198ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP198ACPZ-R7
Description  Logic Controlled, 1 A, High-Side Load
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP198ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP198ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP198
Data Sheet
Rev. D | Page 12 of 16
APPLICATIONS INFORMATION
GROUND CURRENT
The major source for ground current in the ADP198 is an internal
4 MΩ pull-down resistor on the enable pin. Figure 23 shows
the typical ground current when VEN = VIN and varies from
1.65 V to 6.5 V.
0
2
4
6
8
10
12
14
16
18
20
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VIN (V)
ILOAD = 1000mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 800mA
Figure 23. Ground Current vs. Load Current
As shown in Figure 24, an increase in quiescent current can occur
when VEN ≠ VIN. This is caused by the CMOS logic nature of the
level shift circuitry as it translates a VEN signal ≥1.2 V to a logic
high. This increase is a function of the VIN − VEN delta.
0
10
20
30
40
50
60
0
1
2
3
4
5
6
ENABLE VOLTAGE (V)
Figure 24. Typical Ground Current when VEN ≠ VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com