Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP198ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP198ACPZ-R7
Description  Logic Controlled, 1 A, High-Side Load
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP198ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP198ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Logic Controlled, 1 A, High-Side Load
Switch with Reverse Current Blocking
Data Sheet
ADP198
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Low RDSON of 50 mΩ @ 3.3 V (WLCSP only)
Low input voltage range: 1.65 V to 6.5 V
1 A continuous operating current
Built-in level shift for control logic that can be operated by
1.2 V logic
Low 2.5 μA quiescent current @ VIN = 2.8 V
Low 1.1 μA shutdown current @ VIN = 2.8 V
Reverse current blocking
Programmable start-up time
Ultrasmall 1 mm × 1 mm, 4-ball, 0.5 mm pitch (WLCSP)
Tiny 8-lead lead frame chip scale package (LFCSP)
2.0 mm × 2.0 mm × 0.55 mm, 0.5 mm pitch
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
TYPICAL APPLICATION CIRCUITS
GND
EN
LOAD
VIN
VOUT
ADP198
LEVEL SHIFT
AND SLEW
RATE CONTROL
OFF
ON
REVERSE
POLARITY
PROTECTION
+
Figure 1. WLCSP
GND
EN
LOAD
VIN
SEL0
SEL1
VOUT
VIN
VOUT
ADP198
SLEW
RATE CONTROL
LEVEL SHIFT
OFF
ON
REVERSE
POLARITY
PROTECTION
+
Figure 2. LFCSP
GENERAL DESCRIPTION
The ADP198 is a high-side load switch designed for operation
between 1.65 V and 6.5 V that is protected against reverse
current flow from output to input. A load switch provides power
domain isolation, thereby helping to keep subsystems isolated and
powered independently and enabling reduced power consumption.
The ADP198 contains a low on-resistance P-channel MOSFET
that supports more than 1 A of continuous load current. The
low 2.5 μA quiescent current and ultralow shutdown current
make the ADP198 ideal for battery-operated portable
equipment. The built-in level shifter for enable logic makes the
ADP198 compatible with modern processors and general-purpose
input/output (GPIO) controllers. The LFCSP version also allows
the user to program the start-up time to control the inrush
current at turn on.
The ADP198 is available in an ultrasmall 1 mm × 1 mm, 4-ball,
0.5 mm pitch WLCSP. An 8-lead, 2 mm × 2 mm × 0.55 mm,
0.5 mm pitch LFCSP is also available.


Similar Part No. - ADP198ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP198CP-EVALZ APEX-ADP198CP-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - ADP198ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4610A VISHAY-SIP4610A Datasheet
748Kb / 9P
Protected 1-A High-Side Load Switch
21-May-07
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
Protected 1-A High-Side Load Switch
06-Oct-08
logo
Analog Devices
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
logo
Vishay Siliconix
SIP4612A VISHAY-SIP4612A_V01 Datasheet
404Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
SIP4613B VISHAY-SIP4613B Datasheet
491Kb / 10P
Protected 1-A High-Side Load Switch
06-Oct-08
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com