Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP198ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP198ACPZ-R7
Description  Logic Controlled, 1 A, High-Side Load
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP198ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP198ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP198ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADP198
Rev. D | Page 15 of 16
DIODE OR’ing APPLICATIONS
+
LOAD
6V
AC
V2
VOUT =
V2 – (ILOAD × RON)
VOUT
VIN
EN
ADP198
Figure 31. ADP198 in a Typical Diode OR’ing Application
Figure 31 shows an application wherein an ac power supply and
battery are OR’ed together to provide a seamless transition from
the primary (ac) supply to the secondary (V2) supply when the
primary supply is disconnected. By connecting the enable input
of the ADP198 to V2, the transition from ac power to battery
power is automatic.
Figure 32 shows the forward voltage vs. the forward current
characteristics of a Schottky diode and the ADP198. The low on
resistance of the ADP198 makes it far superior to a Schottky
diode in diode OR’ing applications.
In addition to low on resistance, the ADP198 reverse leakage
current is much lower than a typical 1 A, 20 V Schottky
rectifier. For example, at 85°C, the reverse current of a Schottky
rectifier can be as high as 30 μA with only 2.5 V of reverse bias.
Figure 32 shows that about 75 mV of hysteresis built into the
circuitry that senses the voltage differential between the input
and output voltage. When the difference between the input
voltage and output voltage exceeds 75 mV, the ADP198 is
switched on.
FORWARD VOLTAGE (V)
SCHOTTKY
FORWARD
VOLTAGE
SLOPE =
1
RON
75mV (VHYS)
300mV
1A
Figure 32. Forward Voltage vs. Forward Current of a Schottky
Diode and ADP198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com