Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1879ACPZ-0.6-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1879ACPZ-0.6-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1879ACPZ-0.6-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1879ACPZ-0.6-R7 Datasheet HTML 25Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 26Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 27Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 28Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 29Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 30Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 31Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 32Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
ADP1878/ADP1879
Rev. A | Page 29 of 40
The rise in package temperature (for a 14-lead LFCSP_WD) is
TR = θJA × PDR(LOSS)
= 30°C × 132.05 mW
= 4.0°C
Assuming a maximum ambient temperature environment of 85°C,
TJ = TR × TA = 4.0°C + 85°C = 89.0°C,
which is below the maximum junction temperature of 125°C.
DESIGN EXAMPLE
The ADP1878/ADP1879 are easy to use, requiring only a few
design criteria. For example, the example outlined in this section
uses only four design criteria: VOUT = 1.8 V, ILOAD = 15 A (pulsing),
VIN = 12 V (typical), and fSW = 300 kHz.
Input Capacitor
The maximum input voltage ripple is usually 1% of the
minimum input voltage (11.8 V × 0.01 = 120 mV).
VRIPP = 120 mV
VMAX,RIPPLE = VRIPP − (ILOAD,MAX × ESR)
= 120 mV − (15 A × 0.001) = 45 mV
,
,
4
,
15A
4 300 10
105mV
= 120 μF
Choose five 22 μF ceramic capacitors. The overall ESR of five
22 μF ceramic capacitors is less than 1 mΩ.
IRMS = ILOAD/2 = 7.5 A
PCIN = (IRMS)2 × ESR = (7.5 A)2 × 1 mΩ = 56.25 mW
Inductor
Determining inductor ripple current amplitude:
∆
3
5A
Then, calculating for the inductor value
,
∆
,
13.2V– 1.8V
5V 300 10
1.8V
13.2V
= 1.03 μH
The inductor peak current is approximately
15 A + (5 A × 0.5) = 17.5 A
Therefore, an appropriate inductor selection is 1.0 μH with
DCR = 3.3 mΩ (Würth Elektronik 7443552100) with a peak
current handling of 20 A.
= 0.003 × (15 A)2 = 675 mW
Current-Limit Programming
The valley current is approximately
15 A − (5 A × 0.5) = 12.5 A
Assuming a low-side MOSFET RON of 4.5 mΩ and 13 A, as the
valley current limit from Table 7 and Figure 71 indicate, a pro-
gramming resistor (RES) of 100 kΩ corresponds to an ACS
of 24 V/V.
Choose a programmable resistor of RRES = 100 kΩ for a current
sense gain of 24 V/V.
Output Capacitor
Assume that a load step of 15 A occurs at the output and no more
than 5% output deviation is allowed from the steady state operating
point. In this case, the advantage of the ADP1878 is that because
the frequency is pseudo fixed, the converter is able to respond
quickly because of the immediate, though temporary, increase
in switching frequency.
ΔVDROOP = 0.05 × 1.8 V = 90 mV
Assuming the overall ESR of the output capacitor ranges from
5 mΩ to 10 mΩ,
2
∆
∆
2
15A
300 10
90mV
= 1.11 mF
Therefore, an appropriate inductor selection is five 270 μF
polymer capacitors with a combined ESR of 3.5 mΩ.
Assuming an overshoot of 45 mV, determine if the output
capacitor that was calculated previously is adequate
∆
1 10
15A
1.8
45mV
1.8
= 1.4 mF
Choose five 270 μF polymer capacitors.
The rms current through the output capacitor is
1
2
1
√3
,
,
1
2
1
√3
13.2V–1.8V
1μF300103
1.8V
13.2V
1.49A
The power loss dissipated through the ESR of the output
capacitor is
PCOUT = (IRMS)2 × ESR = (1.5 A)2 × 1.4 mΩ = 3.15 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com