Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1879ACPZ-0.6-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1879ACPZ-0.6-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1879ACPZ-0.6-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1879ACPZ-0.6-R7 Datasheet HTML 6Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 7Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 9Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 10Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 11Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 12Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 13Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADP1878/ADP1879
Data heet
Rev. A | Page 10 of 40
Figure 22. Feedback Voltage vs. Temperature
Figure 23. Switching Frequency vs. High Input Voltage, 300 kHz, ±10% of 12 V
Figure 24. Switching Frequency vs. High Input Voltage, 600 kHz, VOUT = 1.8 V,
VIN Range = 13 V to 16.5 V
Figure 25. Switching Frequency vs. High Input Voltage, 1.0 MHz,
VIN Range = 13 V to 16.5 V
Figure 26. Frequency vs. Load Current, 300 kHz, VOUT = 0.8 V
Figure 27. Frequency vs. Load Current, 300 kHz, VOUT = 1.8 V
601.0
600.5
600.0
599.5
599.0
598.5
598.0
597.5
597.0
–40.0
–7.5
25.0
57.5
90.0
122.5
TEMPERATURE (°C)
VREG = 5V, VIN = 13V
VREG = 5V, VIN = 20V
325
315
305
295
285
275
265
255
10.8 11.0 11.2 11.4 11.6 11.8 12.0 12.2 12.4 12.6 12.8 13.0 13.2
VIN (V)
+125°C
+25°C
–40°C
NO LOAD
650
600
550
500
450
400
13.0
13.4
13.8
14.2
14.6
15.0
15.4
15.8
16.2
VIN (V)
+125°C
+25°C
–40°C
NO LOAD
900
880
860
840
820
800
780
760
740
720
700
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
VIN (V)
+125°C
+25°C
–40°C
280
190
205
220
235
250
265
0
10,000
8000
6000
4000
2000
LOAD CURRENT (mA)
VIN = 13V
VIN = 20V
VIN = 16.5V
+125°C
+25°C
–40°C
330
240
250
260
270
280
290
300
310
320
0
15,000
12,000 13,500
10,500
9000
7500
6000
4500
3000
1500
LOAD CURRENT (mA)
VIN = 20V
VIN = 13V
VIN = 16.5V
+125°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com